| 제조업체 | 부품명 | 데이터시트 | 상세설명 |
 Molex Electronics Ltd. |
130126-0022
|
36Kb / 1P |
Super-Safeway Red Pilot Light, Shroud-Mount, 120V
|
|
130126-0246
|
36Kb / 1P |
Super-Safeway Two Momentary Button On/Off Pendant, Single Speed, 1 N.O.Contact Each
|
|
1301260012
|
53Kb / 1P |
Super-Safeway Red Mushroom On/Off Switch, (1) NO Contact, 3A, 250V
|
 Unisonic Technologies |
TDA1519CL-H09-B-T
|
386Kb / 8P |
No switch-on/switch-off pops
|
 Molex Electronics Ltd. |
1301260012
|
43Kb / 1P |
Super-Safeway Red Mushroom On/Off Switch, (1) NO Contact, 3A, 250V
|
|
1301260022
|
37Kb / 1P |
Super-Safeway Red Pilot Light, Shroud-Mount, 120V
|
 SHANGHAI BELLING CO., L... |
BL2557
|
501Kb / 2P |
ON/OFF Switch
|
 Schneider Electric |
9001KR24R
|
107Kb / 2P |
30MM MUSHROOM OPERATOR RED
Dec 23, 2021 |
|
9001KR25R
|
170Kb / 2P |
30MM MUSHROOM OPERATOR RED
Dec 23, 2021 |
|
9001K93R
|
122Kb / 2P |
30MM MUSHROOM BUTTON RED 57MM
Jan 20, 2022 |