| 제조업체 | 부품명 | 데이터시트 | 상세설명 |
 ON Semiconductor |
NCV8141
|
89Kb / 12P |
5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
August, 2004 ??Rev. 5 |
|
NCP584
|
89Kb / 12P |
Tri-Mode 200 mA CMOS LDO Regulator with Enable
July, 2005 ??Rev. 2 |
|
NCV8141
|
116Kb / 14P |
5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
December, 2006 ??Rev. 10 |
|
NCV8667
|
206Kb / 15P |
150 mA LDO Regulator with Enable, Reset and Early Warning
December, 2010 ??Rev. 0 |
|
NCV8668
|
247Kb / 18P |
Very Low I 150 mA LDO Regulator with Window Watchdog, Enable and Reset
October, 2010 ??Rev. 2 |
|
NCP584HSN30T1G
|
133Kb / 14P |
Tri-Mode 200 mA CMOS LDO Regulator with Enable
February, 2010 ??Rev. 14 |
|
NCV8772
|
310Kb / 17P |
Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3 |
|
NCV866752D250R2G
|
233Kb / 20P |
150 mA LDO Regulator with Enable, Reset and Early Warning
May, 2011 ??Rev. 2 |
|
NCV8768
|
192Kb / 17P |
Ultra Low Iq 150 mA LDO Regulator with Window Watchdog, Enable and Reset
June, 2011 ??Rev. 0 |
|
NCV8768C
|
560Kb / 19P |
LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0 |