전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1301460050 데이터시트 (PDF) - Molex Electronics Ltd.

부품명 1301460050
상세설명  Watertite Connector, 3 Pole/3 Wire, Non-NEMA, 15A/125V, 10A/250V, Cord Grip
파일 크기   36.12 Kbytes
Html View  1 
제조업체  MOLEX11 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301460050 데이터시트 (PDF) - Molex Electronics Ltd.



유사한 부품 번호 - 1301460050

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
1301460052 MOLEX11-1301460052 Datasheet
30Kb / 1P
Watertite Connector, 2 Pole/3 Wire, NEMA 5-20, 125V, Cord Grip Body Size F2
1301460053 MOLEX11-1301460053 Datasheet
35Kb / 1P
Watertite Extra-Hard Outdoor use Connector, 2 Pole/3 Wire, NEMA 5-20, 125V, Cord
1301460056 MOLEX11-1301460056 Datasheet
37Kb / 1P
Watertite Connector for Male Receptacle, 2 Pole/3 Wire, NEMA 5-20, 125V, F2
1301460059 MOLEX11-1301460059 Datasheet
30Kb / 1P
Watertite Connector, 2 Pole/3 Wire, NEMA 7-15, 277V, Cord Grip Body Size F2
More results


유사한 설명 - 1301460050

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
130141-0024 MOLEX11-130141-0024 Datasheet
48Kb / 1P
Super-Safeway Connector, 3 Pole/3 Wire, Non-NEMA, 15A/125V, 10A/250V
130146-0050 MOLEX11-130146-0050 Datasheet
43Kb / 1P
Watertite Connector, 3 Pole/3 Wire, Non-NEMA, 15A/125V, 10A/250V, Cord Grip Body Size F2
130146-0092 MOLEX11-130146-0092 Datasheet
42Kb / 1P
Watertite Connector with Locking Blade, 3 Pole/3 Wire, Non-NEMA, 15A/125V, 10A/250V, Cord Grip Body Size F2
130144-0051 MOLEX11-130144-0051 Datasheet
58Kb / 1P
Safeway Plug, 3 Pole/3 Wire, Non-NEMA, 15A/125V, 10A/250V
130146-0015 MOLEX11-130146-0015 Datasheet
57Kb / 1P
Watertite Plug, 3 Pole/3 Wire, Non-NEMA, 15A/125V, 10A/250V
130146-0017 MOLEX11-130146-0017 Datasheet
31Kb / 1P
Watertite Plug, 3 Pole/3 Wire, Non-NEMA, 15A/125V, 10A/250V
1301440051 MOLEX11-1301440051 Datasheet
51Kb / 1P
Safeway Plug, 3 Pole/3 Wire, Non-NEMA, 15A/125V, 10A/250V
1301410024 MOLEX11-1301410024 Datasheet
40Kb / 1P
Super-Safeway Connector, 3 Pole/3 Wire, Non-NEMA, 15A/125V, 10A/250V
1301470035 MOLEX11-1301470035 Datasheet
35Kb / 1P
Watertite Receptacle Connector, 3 Pole/3 Wire, Non-NEMA, 250V, Cord Grip Body
1301460015 MOLEX11-1301460015 Datasheet
50Kb / 1P
Watertite Plug, 3 Pole/3 Wire, Non-NEMA, 15A/125V, 10A/250V
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com