| 제조업체 | 부품명 | 데이터시트 | 상세설명 |
 ON Semiconductor |
NTJS4405N
|
131Kb / 5P |
Small Signal MOSFET 25 V, 1.2 A, Single, N?묬hannel, SC??8
February, 2006 ??Rev. 4 |
|
NTR4003N
|
67Kb / 5P |
Small Signal MOSFET 30 V, 0.56 A, Single N?묬hannel, SOT??3
May, 2006 ??Rev. 0 |
|
2N7002E
|
104Kb / 5P |
Small Signal MOSFET 60 V, 310 mA, Single, N?묬hannel, SOT??3
April, 2007 ??Rev. 1 |
|
2N7002K
|
106Kb / 5P |
Small Signal MOSFET 60 V, 380 mA, Single, N?묬hannel, SOT??3
July, 2008 ??Rev. 4 |
|
2N7002W
|
107Kb / 5P |
Small Signal MOSFET 60 V, 340 mA, Single, N?묬hannel, SC??0
April, 2007 ??Rev. 2 |
 Leshan Radio Company |
LNTS4409NWT1G
|
216Kb / 5P |
Small Signal MOSFET 25 V, 0.75 A, Single, N?묬hannel, ESD Protection
|
 ON Semiconductor |
2N7002KT3G
|
103Kb / 6P |
Small Signal MOSFET 60 V, 380 mA, Single, N?묬hannel, SOT??3
February, 2013 ??Rev. 11 |
|
NVR4003NT3G
|
105Kb / 5P |
Small Signal MOSFET 30 V, 0.56 A, Single N?묬hannel, SOT??3
June, 2012 ??Rev. 3 |
|
NTR5103N
|
109Kb / 5P |
N?묬hannel Small Signal MOSFET
March, 2014 ??Rev. 0 |
|
NTZD3158P
|
110Kb / 5P |
Dual P?묬hannel Small Signal MOSFET
April, 2013 ??Rev. 0 |