전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS25942A 데이터시트 (PDF) - Texas Instruments

Click here to check the latest version.
부품명 TPS25942A
상세설명  5A eFuse Power MUX with Multiple Protection Modes
파일 크기   3231.47 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25942A 데이터시트 (PDF) - Texas Instruments



유사한 부품 번호 - TPS25942A

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS25942A TI2-TPS25942A Datasheet
2Mb / 58P
TPS25942x/44x 2.7 V-18 V, 5-A eFuse Power MUX With Multiple Protection Modes
REVISED OCTOBER 2017
TPS25942ARVCR TI2-TPS25942ARVCR Datasheet
2Mb / 58P
TPS25942x/44x 2.7 V-18 V, 5-A eFuse Power MUX With Multiple Protection Modes
REVISED OCTOBER 2017
TPS25942ARVCR.A TI2-TPS25942ARVCR.A Datasheet
2Mb / 58P
TPS25942x/44x 2.7 V-18 V, 5-A eFuse Power MUX With Multiple Protection Modes
REVISED OCTOBER 2017
TPS25942ARVCRG4 TI2-TPS25942ARVCRG4 Datasheet
2Mb / 58P
TPS25942x/44x 2.7 V-18 V, 5-A eFuse Power MUX With Multiple Protection Modes
REVISED OCTOBER 2017
TPS25942ARVCRG4.A TI2-TPS25942ARVCRG4.A Datasheet
2Mb / 58P
TPS25942x/44x 2.7 V-18 V, 5-A eFuse Power MUX With Multiple Protection Modes
REVISED OCTOBER 2017
More results


유사한 설명 - TPS25942A

제조업체부품명데이터시트상세설명
logo
Omron Electronics LLC
H3YN OMRON-H3YN Datasheet
396Kb / 12P
Solid-state Timer (Miniature Timer with Multiple Time Ranges and Multiple Operating Modes)
H3YN-2-DC24 OMRON-H3YN-2-DC24 Datasheet
1Mb / 14P
Miniature Timer with Multiple Time Ranges and Multiple Operating Modes
logo
Knowles Electronics
SPH1668LM4H-1 KNOWLES-SPH1668LM4H-1 Datasheet
798Kb / 14P
Digital Zero-Height SiSonicTM Microphone With Multiple Performance Modes
logo
Active-Semi, Inc
ACT4910QW ACTIVE-SEMI-ACT4910QW Datasheet
3Mb / 34P
Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4911QW ACTIVE-SEMI-ACT4911QW Datasheet
3Mb / 33P
Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4921QI ACTIVE-SEMI-ACT4921QI Datasheet
3Mb / 35P
Power Loss Protection with 6A eFuse
Rev 1.0, 18-Jan-2018
logo
STMicroelectronics
MP23DB01HP STMICROELECTRONICS-MP23DB01HP Datasheet
710Kb / 15P
digital microphone with multiple performance modes
July 2020 Rev 2
MP23DB02MM STMICROELECTRONICS-MP23DB02MM Datasheet
1Mb / 15P
MEMS audio sensor: digital microphone with multiple performance modes
07-Mar-2022
logo
Toshiba Semiconductor
TCKE8XX TOSHIBA-TCKE8XX Datasheet
1Mb / 24P
18 V, 5A eFuse IC with Adjustable Overcurrent Protection and Reverse Current Blocking FET Control
2022-08-17
logo
Littelfuse
LS12052BD33 LITTELFUSE-LS12052BD33 Datasheet
1Mb / 10P
18V, 5A eFuse with Over-Voltage Protection and Blocking FET Control
2022 Littelfuse, Inc
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com