전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VS-ST380C 데이터시트 (PDF) - Vishay Siliconix

부품명 VS-ST380C
상세설명  Center amplifying gate
파일 크기   221.06 Kbytes
Html View  1   2   3   4   5   6   7   8 
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-ST380C 데이터시트 (PDF) - Vishay Siliconix



유사한 부품 번호 - VS-ST380C

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
VS-ST380C VISHAY-VS-ST380C Datasheet
221Kb / 8P
Phase Control Thyristors (Hockey PUK Version), 960 A
27-Sep-17
VS-ST380C04C0 VISHAY-VS-ST380C04C0 Datasheet
213Kb / 9P
Phase Control Thyristors
11-Aug-08
VS-ST380C04C1 VISHAY-VS-ST380C04C1 Datasheet
213Kb / 9P
Phase Control Thyristors
11-Aug-08
VS-ST380C06C0 VISHAY-VS-ST380C06C0 Datasheet
213Kb / 9P
Phase Control Thyristors
11-Aug-08
VS-ST380C06C1 VISHAY-VS-ST380C06C1 Datasheet
213Kb / 9P
Phase Control Thyristors
11-Aug-08
More results


유사한 설명 - VS-ST380C

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
1517W ETC2-1517W Datasheet
275Kb / 8P
.375 (9.52mm) Center-to-Center Spacing
logo
STMicroelectronics
AN4598 STMICROELECTRONICS-AN4598 Datasheet
331Kb / 12P
Pre-amplifying the analog output of a MEMS microphone
21-Jan-2015
logo
Nell Semiconductor Co.,...
1460PTG NELLSEMI-1460PTG Datasheet
343Kb / 8P
Distributed center amplifying gate
1800PT NELLSEMI-1800PT Datasheet
267Kb / 6P
Center amplifying gate
1940PT NELLSEMI-1940PT Datasheet
1Mb / 2P
Center amplifying gate
3600PT NELLSEMI-3600PT Datasheet
1Mb / 6P
Center amplifying gate
4100PT NELLSEMI-4100PT Datasheet
746Kb / 6P
Center amplifying gate
logo
Vishay Siliconix
VS-ST280S VISHAY-VS-ST280S Datasheet
195Kb / 8P
Center amplifying gate
11-Mar-14
logo
Sony Corporation
ACX306BKM SONY-ACX306BKM Datasheet
218Kb / 27P
Center luminance
logo
New Jersey Semi-Conduct...
T500 NJSEMI-T500 Datasheet
160Kb / 2P
Center Fired, di/namic Gate All Diffused Design
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com