전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MGA-86563 데이터시트 (PDF) - Broadcom Corporation.

부품명 MGA-86563
상세설명  0.5 ??6 GHz Low Noise GaAs MMIC Amplifier
파일 크기   177.59 Kbytes
Html View  1   2   3   4   5   6   7   8 
제조업체  BOARDCOM [Broadcom Corporation.]
홈페이지  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

MGA-86563 데이터시트 (PDF) - Broadcom Corporation.



유사한 부품 번호 - MGA-86563

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
MGA-86563 HP-MGA-86563 Datasheet
92Kb / 8P
0.5 - 6 GHz Low Noise GaAs MMIC Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-86563 AVAGO-MGA-86563 Datasheet
177Kb / 8P
0.5 ??6 GHz Low Noise GaAs MMIC Amplifier
logo
Agilent(Hewlett-Packard...
MGA-86563-BLK HP-MGA-86563-BLK Datasheet
92Kb / 8P
0.5 - 6 GHz Low Noise GaAs MMIC Amplifier
MGA-86563-TR1 HP-MGA-86563-TR1 Datasheet
92Kb / 8P
0.5 - 6 GHz Low Noise GaAs MMIC Amplifier
More results


유사한 설명 - MGA-86563

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
MGA-86563 HP-MGA-86563 Datasheet
92Kb / 8P
0.5 - 6 GHz Low Noise GaAs MMIC Amplifier
logo
Hittite Microwave Corpo...
HMC565 HITTITE-HMC565 Datasheet
313Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 6 - 20 GHz
HMC963LC4 HITTITE-HMC963LC4 Datasheet
1Mb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 6 - 26.5 GHz
HMC320MS8G HITTITE-HMC320MS8G_09 Datasheet
208Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER , 5 - 6 GHz
HMC903 HITTITE-HMC903 Datasheet
991Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 6 - 18 GHz
HMC903LP3E HITTITE-HMC903LP3E Datasheet
1Mb / 8P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 6 - 17 GHz
logo
AVAGO TECHNOLOGIES LIMI...
MGA-665P8 AVAGO-MGA-665P8 Datasheet
214Kb / 13P
0.5 ??6 GHz Low Noise Amplifier
MGA-86563 AVAGO-MGA-86563 Datasheet
177Kb / 8P
0.5 ??6 GHz Low Noise GaAs MMIC Amplifier
logo
Broadcom Corporation.
MGA-665P8 BOARDCOM-MGA-665P8 Datasheet
214Kb / 13P
GaAs Enhancement-Mode PHEMT 0.5 ??6 GHz Low Noise Amplifier
logo
Analog Devices
ADL8107 AD-ADL8107 Datasheet
2Mb / 24P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 6 GHz to 18 GHz
1/2022-Revision 0
More results

링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com