전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HHT3Y60C 데이터시트(PDF) 3 Page - Inolux Corporation

부품명 HHT3Y60C
상세설명  3mm Round Lamp with Triple Level Housing
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INOLUX [Inolux Corporation]
홈페이지  http://www.inolux-corp.com/index.php
Logo INOLUX - Inolux Corporation

HHT3Y60C 데이터시트(HTML) 3 Page - Inolux Corporation

  HHT3Y60C Datasheet HTML 1Page - Inolux Corporation HHT3Y60C Datasheet HTML 2Page - Inolux Corporation HHT3Y60C Datasheet HTML 3Page - Inolux Corporation HHT3Y60C Datasheet HTML 4Page - Inolux Corporation HHT3Y60C Datasheet HTML 5Page - Inolux Corporation HHT3Y60C Datasheet HTML 6Page - Inolux Corporation HHT3Y60C Datasheet HTML 7Page - Inolux Corporation HHT3Y60C Datasheet HTML 8Page - Inolux Corporation HHT3Y60C Datasheet HTML 9Page - Inolux Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
HHT3XX60C Series
3mm Round Lamp
Triple Level Housing
Official Product
HHT3XX60C Series
Customer Part No.
Data Sheet No.
****************
****************
HHT3XX60C Series
Specifications are subject to change without notice. Data and
drawings herein are copyrighted.
June 28, 2013
Version of 1.0
Page
3/10
Orderable Information
H
H
T
3
X
X
6 0 C -
Y
Y
Y
Y
Series Name
Color Code
VA
Housing Type
Customer Code
HHT=
Inolux Through
Hole with Triple
Level Housing
3YG = 565nm GaP Yellow
Green
3Y = 590nm GaP Yellow
3A = 605nm GaAsP
Amber
3LR = 700nm GaP Ultra
Red
60 = 60° C= Type C Housing
*See Page 4 for
Detail Drawing
YYYY =
Customer code



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com