전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

310421 데이터시트(PDF) 1 Page - METZ CONNECT GmbH

부품명 310421
상세설명  screw type terminal block, pluggable
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  METZ [METZ CONNECT GmbH]
홈페이지  https://www.metz-connect.com/us
Logo METZ - METZ CONNECT GmbH

310421 데이터시트(HTML) 1 Page - METZ CONNECT GmbH

  310421 Datasheet HTML 1Page - METZ CONNECT GmbH 310421 Datasheet HTML 2Page - METZ CONNECT GmbH 310421 Datasheet HTML 3Page - METZ CONNECT GmbH 310421 Datasheet HTML 4Page - METZ CONNECT GmbH 310421 Datasheet HTML 5Page - METZ CONNECT GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page 1/5
Data Sheet
P/N
310071xx
xx=number of poles
2017/05/04
RP025xxIBWC
Illustration
see enlarged drawing at the end of the document
Product specification
• screw type terminal block, pluggable
• centerline 5.00 mm, direction of connection 90°
• wire protector, fittable without loss of poles
• color black
• wire entry perpendicular to plug direction, lamella


유사한 부품 번호 - 310421

제조업체부품명데이터시트상세설명
logo
METZ CONNECT GmbH
310421 METZ-310421 Datasheet
314Kb / 5P
screw type terminal block, pluggable
logo
TE Connectivity Ltd
310421-1 TEC-310421-1 Datasheet
268Kb / 5P
Pistol Grip Pneumatic Handle Assembly
logo
Schneider Electric
3104210901 SCHNEIDER-3104210901 Datasheet
63Kb / 2P
NEMA Type S Motor Starters
Feb 2, 2023
More results

유사한 설명 - 310421

제조업체부품명데이터시트상세설명
logo
Adam Technologies, Inc.
EBQ-XX-D-C ADAM-TECH-EBQ-XX-D-C Datasheet
72Kb / 1P
TERMINAL BLOCK SOCKET PLUGGABLE VERTICAL
EBR-08-B-K02-K06 ADAM-TECH-EBR-08-B-K02-K06 Datasheet
96Kb / 1P
TERMINAL BLOCK SOCKET PLUGGABLE VERTICAL
logo
METZ CONNECT GmbH
310151XX METZ-310151XX Datasheet
258Kb / 5P
screw type terminal block, solderable
310611XX METZ-310611XX Datasheet
254Kb / 5P
screw type terminal block, solderable
311011XX METZ-311011XX Datasheet
250Kb / 5P
screw type terminal block, solderable
311071XX METZ-311071XX Datasheet
314Kb / 5P
screw type terminal block, pluggable
311571XX METZ-311571XX Datasheet
366Kb / 6P
screw type terminal block, pluggable
312491XX METZ-312491XX Datasheet
294Kb / 5P
screw type terminal block, pluggable
313491XX METZ-313491XX Datasheet
316Kb / 5P
screw type terminal block, pluggable
logo
Mallory Sonalert Produc...
ACC02 MSPI-ACC02 Datasheet
32Kb / 1P
Pluggable Screw Terminal Block 180쨘 Wire Entry
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com