전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

C12361 데이터시트(PDF) 2 Page - Ledil, Inc.

부품명 C12361
상세설명  HighBay Lens array
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEDIL [Ledil, Inc.]
홈페이지  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C12361 데이터시트(HTML) 2 Page - Ledil, Inc.

  C12361 Datasheet HTML 1Page - Ledil, Inc. C12361 Datasheet HTML 2Page - Ledil, Inc. C12361 Datasheet HTML 3Page - Ledil, Inc. C12361 Datasheet HTML 4Page - Ledil, Inc. C12361 Datasheet HTML 5Page - Ledil, Inc. C12361 Datasheet HTML 6Page - Ledil, Inc. C12361 Datasheet HTML 7Page - Ledil, Inc. C12361 Datasheet HTML 8Page - Ledil, Inc. C12361 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 123 page
background image
PRODUCT DATASHEET
HighBay series
last update 7/12/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
LUXEON TX
50 deg
HighBay
88 %
1.000
-
LUXEON 5050
55 deg
HighBay
94 %
0.940
-
LUXEON 3030 2D
sim: 49
HighBay
sim: 94 % sim: 1.200 -
LUXEON 3535L
sim: 49
HighBay
sim: 94 % sim: 1.200 -
LUXEON V
55 deg
HighBay
93 %
0.890
-
NVSxx19A
sim: 50
HighBay
-
-
-
NCSxx19A
48 deg
HighBay
85 %
1.100
-
NS9x383
54 deg
HighBay
86 %
0.880
-
NVSxx19B/NVSxx19C
51 deg
HighBay
85 %
0.960
-
NCSxx19B
50 deg
HighBay
85 %
1.000
-
NWSx229A
57 deg
HighBay
86 %
0.860
-
NVSW3x9A
53 deg
HighBay
92 %
0.900
-
NVSxE21A
43 deg
HighBay
86 %
1.100
-
NVSW219D
53 deg
HighBay
94 %
0.940
-
OLP-5065F6L-06A
56 deg
HighBay
88 %
0.940
-
Oslon SSL 80
43 deg
HighBay
89 %
1.260
-
Oslon Square PC
54 deg
HighBay
87 %
0.900
-
Duris S8
sim: 56
HighBay
sim: 86 % sim: 1.000 -
Oslon Square Gen3
sim: 50
HighBay
sim: 93 % sim: 1.300 -
OSCONIQ P 3737 (2W version)
sim: 48
HighBay
sim: 93 % sim: 1.200 -
OSCONIQ P 3737 (3W version)
sim: 54
HighBay
sim: 94 % sim: 1.100 -
Fortimo FastFlex LED board 2x8 DA G4 52 deg
HighBay
94 %
0.990
-
Fortimo FastFlex LED board 2x8 DAX G4sim: 54
HighBay
sim: 94 % sim: 1.000 -
LH351A(3535)
49 deg
HighBay
89 %
1.000
-
LH351Z
50 deg
HighBay
87 %
1.000
-
LH351B
55 deg
HighBay
86 %
0.930
-
LH351D
56 deg
HighBay
91 %
0.850
-
LH351C
53 deg
HighBay
93 %
1.000
-
LH508A
56 deg
HighBay
93 %
0.900
-
Z5
48 deg
HighBay
88 %
1.000
-
Z5M1/Z5M2
51 deg
HighBay
85 %
1.000
-
Z8Y15
45 deg
HighBay
79 %
0.900
-
Z8Y19
46 deg
HighBay
79 %
0.900
-
Z5M1/Z5M2
sim: 52
HighBay
sim: 94 % sim: 1.100 -
Z8Y22P
51 deg
HighBay
92 %
0.910
-
Acrich MJT 4040
sim: 52
HighBay
sim: 94 % sim: 1.100 -
Z8Y19 2x2 cluster
54 deg
HighBay
92 %
0.830
-
SMJQ-D48W16AA-XX
54 deg
HighBay
92 %
0.830
-
Z8Y22
48 deg
HighBay
92 %
0.930
-
TL1L4
48 deg
HighBay
81 %
0.980
-
RLE G1 49x223mm 4000lm xxx EXC OTD
52 deg
HighBay
94 %
0.980
-
RLE G1 49x245mm 4000lm xxx EXC OTD
52 deg
HighBay
94 %
0.980
-
January 25th 2018 8:12 Copyright Ledil Oy - Subject to change without prior notice - Page 2/4
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com