전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

C13299 데이터시트(PDF) 1 Page - Ledil, Inc.

부품명 C13299
상세설명  Strada Lens array
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEDIL [Ledil, Inc.]
홈페이지  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C13299 데이터시트(HTML) 1 Page - Ledil, Inc.

  C13299 Datasheet HTML 1Page - Ledil, Inc. C13299 Datasheet HTML 2Page - Ledil, Inc. C13299 Datasheet HTML 3Page - Ledil, Inc. C13299 Datasheet HTML 4Page - Ledil, Inc. C13299 Datasheet HTML 5Page - Ledil, Inc. C13299 Datasheet HTML 6Page - Ledil, Inc. C13299 Datasheet HTML 7Page - Ledil, Inc. C13299 Datasheet HTML 8Page - Ledil, Inc. C13299 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 114 page
background image
PRODUCT DATASHEET
Strada series
last update 12/5/2017
DETAILS
Product Number
C13299_STRADA-2X2-ME
Family
Strada
Type
Lens array
Color
clear
Diameter
50 + 50 mm
Height
7,1 mm
Style
square
Optic Material
PMMA
Holder Material
Fastening
glue, pin, screw
Status
production ready
ROHS Compliant
Yes
Date Updated
12/05/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
SMD 5050
Asymmetric degStreetligh...
94 %
0.530
-
QUICK FLUX XTP 2x4 xxx LS G5
Asymmetric degStreetligh...
94 %
0.920
-
QUICK FLUX XTP 2x6 xxx LS G5
Asymmetric degStreetligh...
94 %
0.920
-
QUICK FLUX XTP 2x8 xxx LS G5
Asymmetric degStreetligh...
94 %
0.930
-
XT-E
Asymmetric degStreetligh...
94 %
1.000
-
XM-L
Asymmetric degStreetligh...
94 %
0.700
-
XB-D
Asymmetric degStreetligh...
94 %
1.150
-
XP-G2
Asymmetric degStreetligh...
94 %
1.100
-
XP-G
Asymmetric degStreetligh...
94 %
1.000
-
XQ-E
sim: AsymmetricStreetligh...
sim: 90 % -
-
XP-E2
Asymmetric degStreetligh...
94 %
1.300
-
XM-L2
Asymmetric degStreetligh...
94 %
0.700
-
XB-H
sim: AsymmetricStreetligh...
sim: 91 % -
-
XP-L
Asymmetric degStreetligh...
94 %
0.720
-
XP-L HI
Asymmetric degStreetligh...
94 %
1.000
-
XHP35 HD
sim: AsymmetricStreetligh...
sim: 90 % -
-
XHP35 HI
sim: AsymmetricStreetligh...
sim: 92 % -
-
XP-G3
sim: AsymmetricStreetligh...
sim: 90 % sim: 0.700 -
XP-L2
Asymmetric degStreetligh...
94 %
0.630
-
XD16
Asymmetric degStreetligh...
94 %
1.100
-
XD16 2x2 cluster
Asymmetric degStreetligh...
94 %
0.560
-
H35C1 (LEMWA33)
Asymmetric degStreetligh...
94 %
0.900
-
LUXEON R
Asymmetric degStreetligh...
94 %
0.900
-
LUXEON Rebel ES
Asymmetric degStreetligh...
94 %
1.000
-
LUXEON T
Asymmetric degStreetligh...
94 %
0.970
-
January 25th 2018 8:18 Copyright Ledil Oy - Subject to change without prior notice - Page 1/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


유사한 부품 번호 - C13299

제조업체부품명데이터시트상세설명
logo
Cree, Inc
C13299 CREE-C13299 Datasheet
5Mb / 94P
Strada series
More results

유사한 설명 - C13299

제조업체부품명데이터시트상세설명
logo
Ledil, Inc.
C13300 LEDIL-C13300 Datasheet
6Mb / 106P
Strada Lens array
C13604 LEDIL-C13604 Datasheet
5Mb / 80P
Strada Lens array
C12360 LEDIL-C12360 Datasheet
5Mb / 83P
Strada Lens array
CS16401 LEDIL-CS16401 Datasheet
941Kb / 14P
Strada Lens array
C10908 LEDIL-C10908 Datasheet
339Kb / 5P
Strada Lens
C12419 LEDIL-C12419 Datasheet
5Mb / 80P
Strada Lens array
C13301 LEDIL-C13301 Datasheet
7Mb / 122P
Strada Lens array
C13499 LEDIL-C13499 Datasheet
5Mb / 82P
Strada Lens array
C13699 LEDIL-C13699 Datasheet
4Mb / 70P
Strada Lens array
C13937 LEDIL-C13937 Datasheet
4Mb / 64P
Strada Lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com