전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD676 데이터시트(PDF) 17 Page - Analog Devices

부품명 AD676
상세설명  16-Bit 100 kSPS Sampling ADC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD676 데이터시트(HTML) 17 Page - Analog Devices

Back Button AD676 Datasheet HTML 9Page - Analog Devices AD676 Datasheet HTML 10Page - Analog Devices AD676 Datasheet HTML 11Page - Analog Devices AD676 Datasheet HTML 12Page - Analog Devices AD676 Datasheet HTML 13Page - Analog Devices AD676 Datasheet HTML 14Page - Analog Devices AD676 Datasheet HTML 15Page - Analog Devices AD676 Datasheet HTML 16Page - Analog Devices AD676 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
AD676
REV. A
–16–
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
28-Pin Ceramic DIP Package (D-28)
0.225 (5.72)
MAX
0.150 (3.81)
MIN
0.100 (2.54)
BSC
1.490 (37.85) MAX
0.200 (5.08)
0.125 (3.18)
0.070 (1.78)
0.030 (0.76)
0.060 (1.52)
0.015 (0.38)
0.610 (15.49)
0.500 (12.70)
0.620 (15.75)
0.590 (14.99)
0.018 (0.46)
0.008 (0.20)
28
1
15
14
0.005 (0.13)
MIN
0.100 (2.54)
MAX
0.026 (0.66)
0.014 (0.36)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17