전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LED34-RW 데이터시트(PDF) 3 Page - Roithner LaserTechnik GmbH

부품명 LED34-RW
상세설명  Mid-IR LED Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROITHNER [Roithner LaserTechnik GmbH]
홈페이지  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED34-RW 데이터시트(HTML) 3 Page - Roithner LaserTechnik GmbH

  LED34-RW Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED34-RW Datasheet HTML 2Page - Roithner LaserTechnik GmbH LED34-RW Datasheet HTML 3Page - Roithner LaserTechnik GmbH LED34-RW Datasheet HTML 4Page - Roithner LaserTechnik GmbH LED34-RW Datasheet HTML 5Page - Roithner LaserTechnik GmbH LED34-RW Datasheet HTML 6Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.roithner-laser.com
3
Outline Dimensions
All Dimensions in mm
All Dimensions in mm
LED34
TO-18, with cap, without window
LED34-R
TO-18, with parabolic reflector, without window
Lead
Description
PIN 1
LED Cathode
PIN 2
LED Anode (red dot)
Lead
Description
PIN 1
LED Cathode
PIN 2
LED Anode (red dot)



Html Pages

1 2 3 4 5 6