전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NTCAPIPE3C9 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 NTCAPIPE3C9
상세설명  NTC Thermistors, Special Long Lead Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCAPIPE3C9 데이터시트(HTML) 1 Page - Vishay Siliconix

  NTCAPIPE3C9 Datasheet HTML 1Page - Vishay Siliconix NTCAPIPE3C9 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTCAPIPE3C9
www.vishay.com
Vishay BCcomponents
Revision: 24-Mar-17
1
Document Number: 29166
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
NTC Thermistors, Special Long Lead Sensors
Note
(1) Response time in silicone oil MS 200/50. This is the time needed
for the sensor to reach 63.2 % of the total temperature
difference when subjected to a temperature change from 25 °C
in air to 85 °C in oil
FEATURES
• Accurate over wide temperature range
• High stability
• Excellent price / performance ratio
• High adhesive strength between PVC wire and
the encapsulating lacquer
• Material categorization:
for
definitions
of
compliance
please
see
www.vishay.com/doc?99912
APPLICATIONS
Temperature measurement, sensing and control in remote
locations and for various environmental conditions.
DESCRIPTION
These sensors exist of a small NTC chip reflow soldered
between two AWG24 UL-2651 105 °C rating 300 V wires.
They are lacquered and insulated and potted into a brass
pipe.
MARKING
UL mark on wire, no mark on body.
PACKAGING
The thermistors are packed in cardboard boxes; each box
containing 500 pieces.
DESIGN-IN SUPPORT
• For complete curve computation, visit:
www.vishay.com/thermistors/ntc-curve-list/
• Other wire length and wire type are available on request.
The products can be provided with a connector on
request with a minimum buy constraint.
MOUNTING
By soldering or clamping the wire ends, in any position.
Body can be inserted or taped attached. Not intended for
fluid immersed applications.
Note
• L: Refer to table.
QUICK REFERENCE DATA
PARAMETER
VALUE
UNIT
Resistance value at 25 °C
10K
Tolerance on R25-value
± 3
%
B25/85-value
3984
K
Tolerance on B25/85-value
± 0.5
%
Dissipation factor:
6.0
mW/K
Response time (1):
 10
s
Operating temperature range:
°C
At zero dissipation
(continuously)
-40 to +105
Min. dielectric withstanding
voltage
500
VAC
Weight
25
g
ELECTRICAL DATA AND ORDERING INFORMATION
R25
(
)
R25-TOL.
(± %)
B25/85
(K)
B25/85-TOL.
(± %)
LEAD LENGTH
(mm)
SAP MATERIAL AND
ORDERING NUMBER
10 000
3
3984
0.5
1500 ± 20
NTCAPIPE3C90105
DIMENSIONS in millimeters
Brass-pipe type
6 ± 0.1
25 ± 0.5
L
5 ± 2


유사한 부품 번호 - NTCAPIPE3C9

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
NTCAPIPE3C9 VISHAY-NTCAPIPE3C9 Datasheet
78Kb / 2P
NTC Thermistors, Special Long Lead Sensors
01-Dec-2022
NTCAPIPE3C90105 VISHAY-NTCAPIPE3C90105 Datasheet
78Kb / 2P
NTC Thermistors, Special Long Lead Sensors
01-Dec-2022
NTCAPIPE3C9 VISHAY-NTCAPIPE3C9_V01 Datasheet
78Kb / 2P
NTC Thermistors, Special Long Lead Sensors
01-Dec-2022
More results

유사한 설명 - NTCAPIPE3C9

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
23226412 VISHAY-23226412 Datasheet
67Kb / 4P
NTC Thermistors, Special Long Lead Sensors
10-Oct-03
232264010472 VISHAY-232264010472 Datasheet
56Kb / 4P
NTC Thermistors, Special Accuracy
10-Oct-03
NTCLE100E3 VISHAY-NTCLE100E3 Datasheet
100Kb / 5P
NTC Thermistors, Special Accuracy
14-Sep-06
NTCLE400 VISHAY-NTCLE400 Datasheet
95Kb / 6P
NTC Thermistors, Special Long Lead Sensors
03-May-11
NTCLP100E3103H VISHAY-NTCLP100E3103H Datasheet
95Kb / 6P
NTC Thermistors, Special Long Lead Sensors
03-May-11
NTCLE400 VISHAY-NTCLE400_17 Datasheet
97Kb / 6P
NTC Thermistors, Special Long Lead Sensors
24-Aug-17
NTCLS100 VISHAY-NTCLS100 Datasheet
99Kb / 6P
NTC Thermistors, Sleeved Long PVC Leads Sensors
05-Oct-2020
NTCAPIPE3C9 VISHAY-NTCAPIPE3C9_V01 Datasheet
78Kb / 2P
NTC Thermistors, Special Long Lead Sensors
01-Dec-2022
NTCLE400 VISHAY-NTCLE400_V01 Datasheet
91Kb / 6P
NTC Thermistors, Epoxy PVC Long Leads Sensors
20-Apr-2021
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com