| 전자부품 데이터시트 검색엔진 |
|
OSOPB1003ATS 데이터시트(PDF) 2 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
OSOPB1003ATS 데이터시트(HTML) 2 Page - Vishay Siliconix |
|
2 / 3 page ![]() OSOP www.vishay.com Vishay Dale Thin Film Revision: 03-Mar-17 2 Document Number: 60002 For technical questions, contact: thinfilm@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Notes (1) Tolerance available 1K and up (2) Preferred packaging code DIMENSIONS AND IMPRINTING in inches and millimeters DIMENSION INCHES MILLIMETERS A 16 pin 0.193 ± 0.003 4.90 20, 24 pin 0.341 ± 0.003 8.66 B 0.154 3.91 C 0.237 6.02 D 0.025 0.635 E 0.010 ± 0.002 0.25 ± 0.05 F 0.062 1.58 G 0.068 1.73 H 0.010 ± 0.002 0.25 ± 0.05 I 0.025 0.64 J 16 pin 0.009 0.23 20 pin 0.057 1.47 24 pin 0.057 1.47 MECHANICAL SPECIFICATIONS Resistive Element Passivated nichrome Substrate Material Silicon Body Molded epoxy Terminals Copper alloy Lead (Pb)-free Option 100 % matte tin Tin Lead Option Sn90 Tin Lead and Lead (Pb)-free Finish Plated GLOBAL PART NUMBER INFORMATION New Global Part Numbering: OSOPA1002BUF GLOBAL MODEL (4 or 5 digits) SCHEMATIC RESISTANCE TOLERANCE AND RATIO TOLERANCE PACKAGING OSOP (Tin Lead) OSOPT (Lead (Pb)-free) (e3) A = 20 pin 10 isolated resistors B = 16 pin 8 isolated resistors C = 24 pin 12 isolated resistors D = 20 pin 19 resistors pin 20 common E = 16 pin 15 resistors pin 16 common F = 24 pin 23 resistors pin 24 common First 3 digits are significant figures and the last digit specifies the number of zeroes to follow. Example: 1002 = 10K 1003 = 100K Abs. Tol. A = 0.1 % B = 0.1 % C = 0.25 % D = 0.5 % F = 1 % Z = 0.1 % (1) Ratio 0.05 % 0.1 % 0.1 % 0.1 % 0.5 % 0.025 % TAPE AND REEL T0 = 100 min., 100 mult T1 = 1000 min., 1000 mult (2) T3 = 300 min., 300 mult T5 = 500 min., 500 mult TF = Full reel 2500 TS = 100 min., 1 mult UF = TUBED Historical Part Number example: OSOPA5000B (for reference purposes only) OSOP A 5000 B SERIES SCHEMATIC RESISTANCE TOLERANCE AND RATIO TOLERANCE J A B D H E F G C I Part Number Marking Date Code Logo PIN 1 Locator PTA 1 0 0 3 A T 1 O S O P A 10 02 B U F O S O |