전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP1650 데이터시트(PDF) 19 Page - Microchip Technology

부품명 MCP1650
상세설명  Evaluation Board
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1650 데이터시트(HTML) 19 Page - Microchip Technology

Back Button MCP1650 Datasheet HTML 12Page - Microchip Technology MCP1650 Datasheet HTML 13Page - Microchip Technology MCP1650 Datasheet HTML 14Page - Microchip Technology MCP1650 Datasheet HTML 15Page - Microchip Technology MCP1650 Datasheet HTML 16Page - Microchip Technology MCP1650 Datasheet HTML 17Page - Microchip Technology MCP1650 Datasheet HTML 18Page - Microchip Technology MCP1650 Datasheet HTML 19Page - Microchip Technology MCP1650 Datasheet HTML 20Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
M
MCP1650/1/2/3 EVALUATION
BOARD USER’S GUIDE
 2004 Microchip Technology Inc.
DS51462A-page 15
Appendix B. Bill Of Materials (BOM)
TABLE B-1:
BILL OF MATERIALS
Qty
Reference
Description
Distributor
Manufacturer
Part Number
3
C1, C2, C4
47 µF +80/-20%, 6.3VDC, 1210
NA
muRata®
GJ232CF50J476ZD01K
2
C3, C5
Capacitor, 10 µF, 10V, Ceramic,
X7R 0603
Digi-Key®
Kemet®
C0603C104K8RACTU
1
C6
Capacitor, 33 mF, 16V,
Ceramic, X5R 20% 1812
Digi-Key
TDK®
C4532X5R1C336M
2
D1, D3
Diode, Schottky, 30V, 3A, SMA
Digi-Key
Diodes Inc.
B330A-13
3
D2, D4, D5
LED, 636NM, Super RED,
0805 SMD
Digi-Key
Lumex®
Opto/Components
Inc.
SML-LX0805SIC-TR
2
F1, F2
Polyswitch, 2.0A, Reset Fuse,
SMD
Digi-Key
Raychem®
Corporation
MINISMDC200-2
2
L1, L2
Inductor, 3.3 µH, SMT
NA
Coilcraft®
DO1813HC
2
Q1, Q2
HEX/MOS, N-CH, 20V, 4.2A,
SOT-23
Digi-Key
International
Rectifier
IRLML2502TR
2
R1, R9
Resistor, 100
Ω, 1/16W, 1%,
0603 SMD
Digi-Key
Panasonic® – ECG ERJ-3EKF1000V
4
R2, R8, R10,
R14
Resistor, 49.9 k
Ω, 1/16W, 1%,
0603 SMD
Digi-Key
Panasonic – ECG ERJ-3EKF4992V
1
R3
Resistor, 3.09 k
Ω, 1/16W, 1%,
0603 SMD
Digi-Key
Panasonic – ECG ERJ-3EKF3091V
2
R4, R13
Resistor, .10
Ω, 1/10W, 5%,
0603
Digi-Key
Panasonic – ECG ERJ-3RSJR10V
2
R5,R12
Resistor, 73.2 k
Ω, 1/16W, 1%,
0603 SMD
Digi-Key
Panasonic – ECG ERJ-3EKF7322V
2
R6, R15
Resistor, 1.00 k
Ω, 1/16W, 1%,
0603 SMD
Digi-Key
Panasonic – ECG ERJ-3EKF1001V
1
R7
Resistor, 562
Ω, 1/10W, 1%,
0805 SMD
Digi-Key
Panasonic – ECG ERJ-6ENF5620V
1
R11
Resistor, 8.87 k
Ω, 1/16W, 1%,
0603 SMD
Digi-Key
Panasonic – ECG ERJ-3EKF8871V
1
R16, R17
Resistor, 221
Ω, 1/10W, 1%,
0805 SMD
Digi-Key
Panasonic – ECG ERJ-6ENF2210V
10
TP1-TP10
PC Test Point, Compact, SMT
Digi-Key
Keystone®
Electronics
5016
1
U1
Boost Controller, MCP1651
Microchip
Technology Inc.
Microchip
Technology Inc.
MCP1651R
1
U2
Boost Controller, MCP1653
Microchip
Technology Inc.
Microchip
Technology Inc.
MCP1653S
1
B1, B2, B3,
B4
Bumpon, Hemisphere, .44x.20,
Black
Digi-Key
3M®/ESM
SJ-5003 (BLACK)
Note: SMT denotes surface-mount package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com