전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCF2113DU2 데이터시트(PDF) 29 Page - NXP Semiconductors

부품명 PCF2113DU2
상세설명  LCD controllers/drivers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2113DU2 데이터시트(HTML) 29 Page - NXP Semiconductors

Back Button PCF2113DU2 Datasheet HTML 25Page - NXP Semiconductors PCF2113DU2 Datasheet HTML 26Page - NXP Semiconductors PCF2113DU2 Datasheet HTML 27Page - NXP Semiconductors PCF2113DU2 Datasheet HTML 28Page - NXP Semiconductors PCF2113DU2 Datasheet HTML 29Page - NXP Semiconductors PCF2113DU2 Datasheet HTML 30Page - NXP Semiconductors PCF2113DU2 Datasheet HTML 31Page - NXP Semiconductors PCF2113DU2 Datasheet HTML 32Page - NXP Semiconductors PCF2113DU2 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 72 page
background image
2001 Dec 19
29
Philips Semiconductors
Product specification
LCD controllers/drivers
PCF2113x
handbook, full pagewidth
COL 1 to 5
12345
61
62
63
64
65
display:
ROW 17 –
ROW 18 –
block of 5 columns
COL 6 to 10
6789
10
66
67
68
69
70
COL 56 to 60
56
57
58
59
60
116 117 118 119 120
MGE999
handbook, full pagewidth
MGG001
116-120
odd (blink)
18/56-60
0
0
0
0
0
1
1
0
icon view
0
1
1
0
0
1
1
0
0
1
1
0
1-5
odd (blink)
17/1-5
0
0
0
0
0
1
0
0
0
1
0
0
0
0
0
0
0
0
0
0
116-120
even
18/56-60
0
0
0
0
0
0
1
0
0
0
1
0
1
1
1
1
1
1
0
1
61-65
even
18/1-5
0
0
0
0
0
0
0
1
0
0
0
1
1
0
0
1
1
0
0
0
56-60
even
17/56-60
0
0
0
0
0
0
0
1
0
0
0
1
0
1
1
1
1
1
1
1
11-15
even
17/11-15
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0
0
1
1
1
0
6-10
even
17/6-10
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0
1
0
1
0
1-5
even
17/1-5
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0
1
0
1
7
6
5
4
3
2
1
0
MSB
LSB
LSB
MSB
MSB
LSB
6
5
4
3
2
1
0
4
3
2
1
0
icon no.
phase
ROW/COL
character codes
CGRAM address
CGRAM data
Fig.16 CGRAM to icon mapping.
CGRAM data bit = logic 1 turns the icon on, data bit = logic 0 turns the icon off.
Data in character codes 0 to 3 define the icon state when icon blink is disabled or during the even phase when icon blink is enabled.
Data in character codes 4 to 7 define the icon state during the odd phase when icon blink is enabled (not used for icons when icon blink is disabled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72