| 전자부품 데이터시트 검색엔진 |
|
PCF2113EU2 데이터시트(PDF) 42 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2113EU2 데이터시트(HTML) 42 Page - NXP Semiconductors |
|
42 / 72 page ![]() 2001 Dec 19 42 Philips Semiconductors Product specification LCD controllers/drivers PCF2113x Notes 1. Tested on sample base. 2. All timing values are valid within the operating supply voltage and ambient temperature range and are referenced to VIL and VIH with an input voltage swing of VSS to VDD. 3. Cb = total capacitance of one bus line in pF. tSU;STO set-up time for STOP condition 0.6 −−µs tSW tolerable spike width on bus −− 50 ns tBUF bus free time between STOP and START condition 1.3 −−µs SYMBOL PARAMETER CONDITIONS MIN. TYP. MAX. UNIT handbook, full pagewidth RS E DB0 to DB7 V V V V V V V V V V V V V T IH1 IL1 IH1 IL1 IH1 IL1 IL1 IL1 IH1 IL1 IH1 IL1 VIL1 VIH1 IL1 cy(en) t su(D) h(D) t tW(en) th(A) th(A) t su(A) valid data MBK474 R/W Fig.27 Parallel bus write operation sequence; writing data from microcontroller to PCF2113x. |