전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSM8568CS 데이터시트(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

부품명 TSM8568CS
상세설명  N- and P-Channel 30V (D-S) Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM8568CS 데이터시트(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM8568CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM8568CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM8568CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM8568CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM8568CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM8568CS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM8568CS Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM8568CS Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSM8568CS Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TSM8568CS
Taiwan Semiconductor
1
Version: B1611
N- and P-Channel 30V (D-S) Power MOSFET
FEATURES
● Low R
DS(ON) to minimize conductive losses
● Low gate charge for fast power switching
● 100% UIS and R
g tested
● Compliant to RoHS directive 2011/65/EU and in
accordance to WEEE 2002/96/EC
● Halogen-free according to IEC 61249-2-21
APPLICATIONS
● DC-DC Converters
● Power Routing
● Motor Drives
KEY PERFORMANCE PARAMETERS
PARAMETER
TYPE
VALUE
UNIT
VDS
N-ch
30
V
P-ch
-30
RDS(on)
(max)
VGS = 10V
N-ch
16
m
Ω
VGS = 4.5V
20
VGS = -10V
P-ch
24
VGS = -4.5V
37
Qg
N-ch
7
nC
P-ch
11
SOP-8
Note: MSL 1 (Moisture Sensitivity Level) per J-STD-020
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL
N-ch
P-ch
UNIT
Drain-Source Voltage
VDS
30
-30
V
Gate-Source Voltage
VGS
±20
±25
V
Continuous Drain Current
(Note 1)
TC = 25°C
ID
15
13
A
TA = 25°C
8
7
Pulsed Drain Current
IDM
60
52
A
Single Pulse Avalanche Current
(Note 2)
IAS
12
18
A
Single Pulse Avalanche Energy
(Note 2)
EAS
21.6
48.6
mJ
Total Power Dissipation
TC = 25°C
PD
6
6
W
TC = 125°C
1.2
1.2
Total Power Dissipation
TA = 25°C
PD
1.6
1.6
W
TA = 125°C
0.3
0.3
Operating Junction and Storage Temperature Range
TJ, TSTG
- 55 to +150
°C
THERMAL PERFORMANCE
PARAMETER
SYMBOL
LIMIT
UNIT
Thermal Resistance
– Junction to Case
RӨJC
21
°C/W
Thermal Resistance
– Junction to Ambient
RӨJA
78
Thermal Performance Note: RӨJA is the sum of the junction-to-case and case-to-ambient thermal resistances. The case-
thermal reference is defined at the solder mounting surface of the drain pins. RӨJA is guaranteed by design while RӨCA is
determined by the user’s board design.


유사한 부품 번호 - TSM8568CS

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TSM850N06CX TSC-TSM850N06CX Datasheet
410Kb / 5P
60V N-Channel Power MOSFET
TSM850N06CXRFG TSC-TSM850N06CXRFG Datasheet
410Kb / 5P
60V N-Channel Power MOSFET
TSM8588CS TSC-TSM8588CS Datasheet
469Kb / 9P
Complementary N & P-Channel Power MOSFET
TSM85N10 TSC-TSM85N10 Datasheet
68Kb / 4P
100V N-Channel Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
TSM85N10CZ DOINGTER-TSM85N10CZ Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
More results

유사한 설명 - TSM8568CS

제조업체부품명데이터시트상세설명
logo
Analog Power
AM2329P ANALOGPOWER-AM2329P Datasheet
139Kb / 3P
P-Channel 30V (D-S) MOSFET
AM3455P ANALOGPOWER-AM3455P Datasheet
134Kb / 2P
P-Channel 30V (D-S) MOSFET
logo
Taiwan Semiconductor Co...
TSM2537CQ TSC-TSM2537CQ Datasheet
443Kb / 9P
N- and P-Channel 20V (D-S) Power MOSFET
logo
Bookly Micro electronic
BM3401 BOOKLY-BM3401 Datasheet
202Kb / 5P
P-Channel 30V (D-S) 4.5A P-MOSFET
BM3407 BOOKLY-BM3407 Datasheet
106Kb / 5P
P-Channel 30V (D-S) 4A P-MOSFET
logo
Leshan Radio Company
LP8104DT1AG LRC-LP8104DT1AG Datasheet
414Kb / 5P
30V P-Channel (D-S) MOSFET
LP3401ALT1G LRC-LP3401ALT1G Datasheet
852Kb / 3P
P-Channel 30V( D - S) MOSFET VDS =-30V
LPB3408LT1G LRC-LPB3408LT1G Datasheet
525Kb / 5P
30V P-Channel (D-S) MOSFET VDS = -30V
logo
First Silicon Co., Ltd
FTK2303 FS-FTK2303 Datasheet
369Kb / 4P
P-Channel 30V(D-S) MOSFET
logo
Shenzhen Tuofeng Semico...
4953 TUOFENG-4953 Datasheet
3Mb / 5P
Dual P-Channel -30V(D-S) MOSFET
Feb,2018 V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com