전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LWA67C 데이터시트(PDF) 1 Page - OSRAM GmbH

부품명 LWA67C
상세설명  Aircraft Interior Lighting
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWA67C 데이터시트(HTML) 1 Page - OSRAM GmbH

  LWA67C_17 Datasheet HTML 1Page - OSRAM GmbH LWA67C_17 Datasheet HTML 2Page - OSRAM GmbH LWA67C_17 Datasheet HTML 3Page - OSRAM GmbH LWA67C_17 Datasheet HTML 4Page - OSRAM GmbH LWA67C_17 Datasheet HTML 5Page - OSRAM GmbH LWA67C_17 Datasheet HTML 6Page - OSRAM GmbH LWA67C_17 Datasheet HTML 7Page - OSRAM GmbH LWA67C_17 Datasheet HTML 8Page - OSRAM GmbH LWA67C_17 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
2017-01-24
1
2017-01-24
SIDELED
Datasheet
Version 1.1 - OS-PCN-2016-012-A
LW A67C
Features:
Besondere Merkmale:
•
Package: white SMT package, colored diffused
resin
•
Gehäusetyp: weißes SMT Gehäuse, farbiger
diffuser Verguss
•
Technology: InGaN
•
Technologie: InGaN
•
Viewing angle at 50 % IV: 120° (Lambertian
Emitter)
•
Abstrahlwinkel bei 50 % IV: 120° (Lambertscher
Strahler)
•
Color: Cx = 0.33, Cy = 0.33 acc. to CIE 1931
(white)
•
Farbe: Cx = 0.33, Cy = 0.33 nach CIE 1931 (weiß)
•
Corrosion Robustness: Improved corrosion
robustness
•
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
•
Aircraft Interior Lighting
•
Flugzeugbeleuchtung innen
•
Coupling into Light Guides
•
Einkopplung in Lichtleiter
•
Backlighting
•
Hinterleuchtung
•
Signal and Symbol Luminary
•
Signal- und Symbolleuchten
•
Retrofit
•
Retrofit


유사한 부품 번호 - LWA67C_17

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LWA67C-S2U1-3K6L OSRAM-LWA67C-S2U1-3K6L Datasheet
446Kb / 16P
Lead (Pb) Free Product - RoHS Compliant
LWA67C-S2U1-5K8L OSRAM-LWA67C-S2U1-5K8L Datasheet
446Kb / 16P
Lead (Pb) Free Product - RoHS Compliant
LWA67C-S2U2-5K8L OSRAM-LWA67C-S2U2-5K8L Datasheet
446Kb / 16P
Lead (Pb) Free Product - RoHS Compliant
LWA67C-T2U2-5K8L OSRAM-LWA67C-T2U2-5K8L Datasheet
446Kb / 16P
Lead (Pb) Free Product - RoHS Compliant
More results

유사한 설명 - LWA67C_17

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LCBM67S-N2R1-4R6T OSRAM-LCBM67S-N2R1-4R6T Datasheet
603Kb / 22P
Automotive Interior Lighting
LCWMVSG.EC-AZBZ-4U9X OSRAM-LCWMVSG.EC-AZBZ-4U9X Datasheet
1Mb / 26P
Automotive Interior Lighting
LSG6SP-CADB-1-1 OSRAM-LSG6SP-CADB-1-1 Datasheet
610Kb / 21P
Automotive Interior Lighting
LWG6CP-EAFA-JKQL-1 OSRAM-LWG6CP-EAFA-JKQL-1 Datasheet
673Kb / 23P
Automotive Interior Lighting
LWG6SP-EAFA-JKQL-1 OSRAM-LWG6SP-EAFA-JKQL-1 Datasheet
678Kb / 23P
Automotive Interior Lighting
KODELPS1.22 OSRAM-KODELPS1.22 Datasheet
696Kb / 22P
Automotive Interior Lighting
LGT671 OSRAM-LGT671 Datasheet
439Kb / 19P
Automotive Interior Lighting
LTTTSD OSRAM-LTTTSD Datasheet
737Kb / 22P
Automotive Interior Lighting
LWT6SC OSRAM-LWT6SC Datasheet
793Kb / 23P
Automotive Interior Lighting
LWM673 OSRAM-LWM673 Datasheet
648Kb / 23P
Automotive Interior Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com