전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SAMA5D2 데이터시트(PDF) 4 Page - ATMEL Corporation

부품명 SAMA5D2
상세설명  SAMA5D2 Xplained Ultra Evaluation Kit
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAMA5D2 데이터시트(HTML) 4 Page - ATMEL Corporation

  SAMA5D2 Datasheet HTML 1Page - ATMEL Corporation SAMA5D2 Datasheet HTML 2Page - ATMEL Corporation SAMA5D2 Datasheet HTML 3Page - ATMEL Corporation SAMA5D2 Datasheet HTML 4Page - ATMEL Corporation SAMA5D2 Datasheet HTML 5Page - ATMEL Corporation SAMA5D2 Datasheet HTML 6Page - ATMEL Corporation SAMA5D2 Datasheet HTML 7Page - ATMEL Corporation SAMA5D2 Datasheet HTML 8Page - ATMEL Corporation SAMA5D2 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 74 page
background image
SAMA5D2 Xplained Ultra [USER GUIDE]
Atmel-44028C-ATARM-SAMA5D2-Xplained-Ultra-User Guide_13-Oct-16
4
1.
Evaluation Kit Specifications
1.1
Electrostatic Warning
1.2
Power Supply Warning
Table 1-1.
Evaluation Kit Specifications
Characteristic
Specifications
Board
SAMA5D2-XULT
Board supply voltage
USB and/or Battery powered
Temperature
Operating
0°C to +70°C
Storage
-40°C to +85°C
Relative Humidity
0 to 90% (non-condensing)
Dimensions: Main board
135 × 88 × 20 mm
RoHS status
Compliant
Board Identification
SAMA5D2 XPLAINED ULTRA
WARNING
ESD-Sensitive Electronic Equipment!
The evaluation kit is shipped in a protective anti-static package. The board system
must not be subject to high electrostatic potentials.
We recommend using a grounding strap or similar ESD protective device when
handling the board in hostile ESD environments (offices with synthetic carpet, for
example). Avoid touching the component pins or any other metallic element on
the board.
Electrostatic
sensitive
device
WARNING
Hardware Power Supply Limitation
Powering the board with voltages higher than 5 VCC (e.g., the 12 VCC power
adapters from other kits such as Arduino kits) may damage the board.
WARNING
Hardware Power Budget
Using the USB as the main power source (max. 500 mA) is acceptable only with the
use of the on-board peripherals and low-power LCD extension.
When external peripheral or add-on boards need to be powered, we recommend
the use of an external power adapter connected to the USB Micro-AB connectors
(can provide up to 1.2A on the 3.3V node).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com