전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP1710 데이터시트(PDF) 4 Page - Microchip Technology

부품명 MCP1710
상세설명  Ultra Low Quiescent Current LDO Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1710 데이터시트(HTML) 4 Page - Microchip Technology

  MCP1710 Datasheet HTML 1Page - Microchip Technology MCP1710 Datasheet HTML 2Page - Microchip Technology MCP1710 Datasheet HTML 3Page - Microchip Technology MCP1710 Datasheet HTML 4Page - Microchip Technology MCP1710 Datasheet HTML 5Page - Microchip Technology MCP1710 Datasheet HTML 6Page - Microchip Technology MCP1710 Datasheet HTML 7Page - Microchip Technology MCP1710 Datasheet HTML 8Page - Microchip Technology MCP1710 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
MCP1710
DS20005158D-page 4
 2012-2015 Microchip Technology Inc.
Load Regulation
VOUT/VOUT
—1
3
%VIN =(VIN(Min) +VIN(Max))/2,
IOUT = 0.02 mA to 200 mA
(Note 1)
Dropout Voltage
VDROPOUT
——
450
mV
IOUT =200 mA,
VR ≤ 3.5V (Note 3)
——
400
mV
IOUT = 100 mA,
VR > 3.5V (Note 3)
Shutdown Input
Logic High Input
VSHDN-HIGH
70
——
%VIN VIN =VIN(Min) to 5.5V (Note 1)
Logic Low Input
VSHDN-LOW
——
30
%VIN VIN =VIN(Min) to 5.5V (Note 1)
AC Performance
Output Delay From SHDN
TOR
30
ms
SHDN = GND to VIN,
VOUT = GND to 95% VR
Output Noise
eN
—0.37
µV/
Hz IOUT =50mA, f= 1kHz,
COUT = 2.2 µF (X7R Ceramic),
VR =2.5V
Power Supply Ripple
Rejection Ratio
PSRR
22
dB
f = 100 Hz, IOUT =10 mA,
VINAC =200 mV pk-pk,
CIN =0 µF
TEMPERATURE SPECIFICATIONS
Electrical Specifications: Unless otherwise noted, VIN =VR +800 mV, (Note 1), IOUT =1 mA, CIN =COUT =2.2 µF
(X7R Ceramic), TA =+25°C. Boldface type applies for junction temperatures, TJ of -40°C to +85°C (Note 4)
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Operating Junction
Temperature Range
TJ
-40
+85
°C
Steady state
Maximum Junction
Temperature
TJ
——
+150
°C
Transient
Storage Temperature Range
TA
-65
+150
°C
Thermal Package Resistances
Thermal Resistance,
2x 2 VDFN-8
JA
—73.1—
°C/W
JEDEC® standard FR4 board with
1 oz copper and thermal vias
JC
—10.7—
°C/W
AC/DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise noted, VIN =VR +800 mV (Note 1), IOUT =1 mA, CIN =COUT =2.2 µF
(X7R Ceramic), TA =+25°C. Boldface type applies for junction temperatures TJ of -40°C to +85°C (Note 4).
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
The minimum VIN must meet two conditions: VIN  VIN(Min) and VIN  VR  VDROPOUT(Max).
2:
VR is the nominal regulator output voltage. VR = 1.2V, 2.5V, etc.
3:
Dropout voltage is defined as the input-to-output voltage differential at which the output voltage drops 3%
below its nominal value that was measured with an input voltage of VIN =VOUT(Max) +VDROPOUT(Max).
4:
The junction temperature is approximated by soaking the device under test at an ambient temperature
equal to the desired junction temperature. The test time is small enough such that the rise in the junction
temperature over the ambient temperature is not significant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com