전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5560JBCZ 데이터시트(PDF) 26 Page - Analog Devices

부품명 AD5560JBCZ
상세설명  1.2 A Programmable Device Power Supply
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5560JBCZ 데이터시트(HTML) 26 Page - Analog Devices

Back Button AD5560JBCZ Datasheet HTML 22Page - Analog Devices AD5560JBCZ Datasheet HTML 23Page - Analog Devices AD5560JBCZ Datasheet HTML 24Page - Analog Devices AD5560JBCZ Datasheet HTML 25Page - Analog Devices AD5560JBCZ Datasheet HTML 26Page - Analog Devices AD5560JBCZ Datasheet HTML 27Page - Analog Devices AD5560JBCZ Datasheet HTML 28Page - Analog Devices AD5560JBCZ Datasheet HTML 29Page - Analog Devices AD5560JBCZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 67 page
background image
Data Sheet
AD5560
Rev. E | Page 25 of 66
CH2 5V
CH1 100mV
M40µs
A CH2
4.6V
1
2
T 120.4µs
CH1 p-p
174mV
B
W
TRIGGER
FORCE
Figure 38. Safe Mode 10% to 90%, EXTFORCE2 Range, 10 μF Load
FORCED TEMPERATURE (°C)
1.4
1.5
1.6
1.7
1.8
1.9
2.0
25
35
45
55
65
75
85
AVDD = +16.5V
AVSS = –16.5V
Figure 39. MEASOUT TSENSE Temperature Sensor vs. Temperature
(Multiple Devices)
CH1 5V
CH3 5V
M400µs
A CH3
2.9V
1
2
3
4
T 10.2%
B
W
CH2 2V
CH4 10V
TA = 25°C
AVDD = +16.25V
AVSS = –16.25V
VREF = 5V
OFFSET DAC = 0x8000
IRANGE/ILOAD = 250µA
0 TO 10V STEP
RLOAD = 40kΩ
CLOAD = 220nF
AUTOCOMP MODE 0x4880
MEASOUT GAIN 1, MI GAIN 20
FORCE
MEASOUT – MI
BUSY
Figure 40. Transient Response FVMI Mode, ±250 μA Range,
Autocompensation Mode
CH1 5V
CH3 5V
M20µs
A CH3
2.9V
1
2
3
4
T 1.4%
B
W
CH2 2V
CH4 10V
TA = 25°C
AVDD = +16.25V
AVSS = –16.25V
VREF = 5V
OFFSET DAC = 0x8000
IRANGE/ILOAD = 25mA
0 TO 10V STEP
RLOAD = 40kΩ
CLOAD = 220nF
AUTOCOMP MODE 0x4480
MEASOUT GAIN 1, MI GAIN 20
FORCE
MEASOUT – MI
BUSY
Figure 41. Transient Response FVMI Mode, 25 mA Range,
Autocompensation Mode
CH1 5V
CH3 5V
M100µs
A CH3
2.9V
1
2
3
4
T 7.2%
B
W
CH2 2V
CH4 10V
TA = 25°C
AVDD = +16.25V
AVSS = –16.25V
VREF = 5V
OFFSET DAC = 0x8000
IRANGE/ILOAD = 250µA
0 TO 10V STEP
RLOAD = 40kΩ
CLOAD = 220nF
SAFE MODE
MEASOUT GAIN 1, MI GAIN 20
FORCE
MEASOUT – MI
BUSY
Figure 42. Transient Response FVMI Mode, 25mA Range, Safe Mode
CH1 5V
CH3 5V
M4µs
A CH3
2.9V
1
2
3
4
T 3%
B
W
CH2 1V
CH4 10V
TA = 25°C
AVDD = +16.25V
AVSS = –16.25V
VREF = 5V
OFFSET DAC = 0x8000
IRANGE/ILOAD = EXTFORCE1/1.2A
0 TO 3.7V STEP
CLOAD = 10µF CERAMIC
AUTOCOMP MODE 0x9680
MEASOUT GAIN 1, MI GAIN 20
FORCE
MEASOUT – MI
BUSY
Figure 43. Transient Response FVMI Mode, EXTFORCE1 Range,
Autocompensation Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com