| 전자부품 데이터시트 검색엔진 |
|
LT6553IGN 데이터시트(PDF) 1 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT6553IGN 데이터시트(HTML) 1 Page - Linear Technology |
|
1 / 8 page ![]() LT6553 1 6553i 15 2 5V 16 1 –5V –5V – + 14 370 Ω 370 Ω 75 Ω + – 12 370 Ω 370 Ω 75 Ω + – 10 9 5V 11 –5V 13 8 7 6 5 4 3 370 Ω 370 Ω 75 Ω RIN GIN BIN 75 Ω 75 Ω 75 Ω 75 Ω 75 Ω 75 Ω LT6553 6553 TA01a Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen- tation that the interconnection of its circuits as described herein will not infringe on existing patent rights. The LT ®6553 is a high-speed triple video amplifier with an internally fixed gain of 2. The individual amplifiers are optimized for performance with a double terminated 75 Ω video load and feature a 2VP–P full signal bandwidth of 400MHz, making them ideal for driving very high-resolu- tion video signals. Separate power supply pins for each amplifier boost channel separation to 75dB, allowing the LT6553 to excel in many high-speed applications. While the performance of the LT6553 is optimized for dual supply operation, it can also be used on a single supply as small as 4.5V. Using dual 5V supplies, each amplifier draws only 8mA. When disabled, the amplifiers draw less than 100 µA and the EN pin and output pins become high impedance. Furthermore, the amplifiers are capable of turning on in less than 50ns, making them ideal for spread spectrum and portable applications. The LT6553 is manufactured on Linear Technology’s proprietary low voltage complementary bipolar process and is available in the 16-lead SSOP package that fits in the same PCB area as an SO-8 package. s RGB Amplifiers s Coaxial Cable Drivers s LCD Projectors , LTC and LT are registered trademarks of Linear Technology Corporation. s 650MHz –3dB Small Signal Bandwidth s 400MHz –3dB 2VP-P Large Signal Bandwidth s 150MHz ±0.1dB Bandwidth s High Slew Rate: 2500V/ µs s Fixed Gain of 2 Requires No External Resistors s –75dB Channel Separation at 10MHz s –50dB Channel Separation at 100MHz s –77dB 2nd Harmonic Distortion at 10MHz, 2VP-P s –73dB 3rd Harmonic Distortion at 10MHz, 2VP-P s Low Supply Current: 8mA per Amplifier s 6ns 0.1% Settling Time for 2V Step s TTL Compatible Enable ISS ≤ 100µA when Disabled s Differential Gain of 0.01%, Differential Phase of 0.01 ° s Wide Supply Range: ±2.25V (4.5V) to ±6V (12V) s Available in 16-Lead SSOP Package APPLICATIO S FEATURES DESCRIPTIO TYPICAL APPLICATIO 650MHz Gain of 2 Triple Video Amplifier December 2003 Final Electrical Specifications Triple Video Line Driver TIME (ns) 1.5 1.0 0.5 0 –0.5 –1.0 –1.5 4 8 12 16 6553 TA01b 20 2 0 6 10 14 18 VIN = 1VP–P VS = ±5V RL = 15OΩ TA = 25°C Large Signal Transient Response |
유사한 부품 번호 - LT6553IGN |
|
유사한 설명 - LT6553IGN |