전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DMN65D8L 데이터시트(PDF) 3 Page - Diodes Incorporated

부품명 DMN65D8L
상세설명  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN65D8L 데이터시트(HTML) 3 Page - Diodes Incorporated

  DMN65D8L Datasheet HTML 1Page - Diodes Incorporated DMN65D8L Datasheet HTML 2Page - Diodes Incorporated DMN65D8L Datasheet HTML 3Page - Diodes Incorporated DMN65D8L Datasheet HTML 4Page - Diodes Incorporated DMN65D8L Datasheet HTML 5Page - Diodes Incorporated DMN65D8L Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DMN65D8L
Document number: DS35923 Rev. 3 - 2
3 of 6
www.diodes.com
January 2016
© Diodes Incorporated
DMN65D8L
0
0.1
0.2
0.3
0.4
0.5
0.6
0
1
2
3
4
5
V
, DRAIN-SOURCE VOLTAGE (V)
Figure 1. Typical Output Characteristic
DS
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
0.1
0.2
0.3
0.4
0.5
0.6
I , DRAIN CURRENT
D
Figure 3. Typical On-Resistance vs.
Drain Current and Temperature
V
= 5V
GS
V
= 10V
GS
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
Figure 4. On-Resistance Variation with Temperature
J
V
= 5V
I = 115mA
GS
D
V
=
V
I = 115mA
GS
D
10
0
1
2
3
4
5
- 50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
Figure 5. On-Resistance Variation with Temperature
J
V
= 5V
I = 115mA
GS
D
V
=
V
I = 115mA
GS
D
10
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
Figure 6. Gate Threshold Variation vs. Ambient Temperature
J
I = 1mA
D
I = 250礎
D
0.01
0.1
1
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
V
, GATE-SOURCE VOLTAGE
GS
Figure 2. Typical Transfer Characteristics
I
,
D
R
A
I
N
C
U
R
R
E
N
T
(
A
)
D
V
= 5.0V
DS
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
T = -55°C
A
℃



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com