전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

33xxNH 데이터시트(PDF) 2 Page - ebm-papst

부품명 33xxNH
상세설명  DC axial fan
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EBMPAPST [ebm-papst]
홈페이지  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

33xxNH 데이터시트(HTML) 2 Page - ebm-papst

  33xxNH Datasheet HTML 1Page - ebm-papst 33xxNH Datasheet HTML 2Page - ebm-papst 33xxNH Datasheet HTML 3Page - ebm-papst 33xxNH Datasheet HTML 4Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DC axial fan
3312 NN
Technical description
Weight
0.19 kg
Dimensions
92 x 92 x 32 mm
Impeller material
Glass-fiber reinforced PA plastic
Housing material
Glass-fiber reinforced PBT plastic
Airflow direction
Exhaust over struts
Direction of rotation
Clockwise, viewed toward rotor
Storage
Ball bearing
Service life L10 at 40 °C
77.500 h
Service life L10 at maximum
temperature
30.000 h
Cable
With leads AWG 24 UL 1061, TR 64
ENU (Web) · 2016-11-09 · Page 2 / 4
ebm-papst St. Georgen GmbH & Co. KG · Hermann-Papst-Str. 1 · D-78112 St. Georgen · Phone +49 (0) 7724 81-0 · Fax +49 (0) 7724 81-1309 · info2@de.ebmpapst.com ·
www.ebmpapst.com



Html Pages

1 2 3 4