| 전자부품 데이터시트 검색엔진 |
|
600F 데이터시트(PDF) 3 Page - ebm-papst |
|
|
|||||||||||||||||||||||||||||
600F 데이터시트(HTML) 3 Page - ebm-papst |
|
3 / 3 page ![]() 169 Available on request: – Electrically isolated speed signal circuit – Varying voltage potentials for power and logic circuit 0 3 2 2 0 3 2 2 0 3 2 2 0 1 4 2 0 3 2 2 0 3 2 2 0 3 4 0 3 4 2 0 2 4 2 0 3 4 2 0 3 4 2 0 2 4 2 0 2 4 2 0 3 4 2 0 3 4 2 0 3 4 2 0 2 4 2 0 3 4 2 0 3 4 2 0 3 4 2 0 6 4 2 0 6 4 3 Type VDC mA VDC mA VDC mA Page 5112 N £ 0.4 2 £ 15 0 5 20 2 66 5114 N / 5118 N £ 0.4 2 £ 60 0 60 20 2 66 5300 £ 0.4 2 £ 60 0 60 4 2 67 5300 TD £ 0.4 2 £ 60 0 60 20 6 68 7112 N / 7118 N £ 0.4 2 £ 60 0 60 20 2 69 7114 N £ 0.4 2 £ 30 0 30 20 2 69 7200 N £ 0.4 2 £ 15 0 15 20 2 70 6400 £ 0.4 2 £ 60 0 60 20 2 71 6300 TD £ 0.4 2 £ 60 0 60 20 6 75 6300 N £ 0.4 2 £ 60 0 60 20 6 76 6300 NTD £ 0.4 2 £ 60 0 60 20 6 77 6300 £ 0.4 2 £ 60 0 60 20 2 78 DV 6300 TD £ 0.4 2 £ 60 0 60 20 6 80 2200 FTD £ 0.4 2 £ 60 0 60 20 6 81 RL 48 £ 0.4 2 £ 30 0 30 4 2 97 RL 65 £ 0.4 2 £ 30 0 30 4 2 98 RL 90 N £ 0.4 2 £ 30 0 30 4 2 99 RLF 100 £ 0.4 2 £ 30 0 30 4 2 100 RG 90 N £ 0.4 2 £ 30 0 30 4 2 101 RG 125 N £ 0.4 2 £ 30 0 30 4 2 102 RG 140 N £ 0.4 3 £ 60 0 60 4 2 103 RG 160 N £ 0.4 2 £ 30 0 30 20 2 104 RG 160 NTD £ 0.4 2 £ 60 0 60 20 6 105 RG 190 TD £ 0.4 2 £ 60 0 60 20 6 106 RG 220 TD £ 0.4 2 £ 60 0 60 20 6 107 RG 225 TD £ 0.4 2 £ 60 0 60 20 6 108 RET 97 TD £ 0.4 2 £ 60 0 60 20 6 109 REF 100 £ 0.4 2 £ 30 0 30 4 2 110 RER 120 TD £ 0.4 2 £ 60 0 60 20 6 112 RER 133 TD £ 0.4 2 £ 60 0 60 20 6 117 RER 160 NTD £ 0.4 2 £ 60 0 60 20 6 119 REF 175 TD £ 0.4 2 £ 60 0 60 20 6 120 RER 175 TD £ 0.4 2 £ 60 0 60 20 6 121 RER 190 TD £ 0.4 2 £ 60 0 60 20 6 122 RER 220 TD £ 0.4 2 £ 60 0 60 20 6 128 RER 225 TD £ 0.4 2 £ 60 0 60 20 6 129 Subject to change Signal data Note: Fans that come with these fan specials could have variations with respect to the temperature range, voltage range, and power consumption compared to standard fans without specials. |