전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8232 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD8232
상세설명  Single-Lead, Heart Rate Monitor Front End
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8232 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD8232_17 Datasheet HTML 4Page - Analog Devices AD8232_17 Datasheet HTML 5Page - Analog Devices AD8232_17 Datasheet HTML 6Page - Analog Devices AD8232_17 Datasheet HTML 7Page - Analog Devices AD8232_17 Datasheet HTML 8Page - Analog Devices AD8232_17 Datasheet HTML 9Page - Analog Devices AD8232_17 Datasheet HTML 10Page - Analog Devices AD8232_17 Datasheet HTML 11Page - Analog Devices AD8232_17 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Data Sheet
AD8232
Rev. B | Page 7 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
VS = 3 V, VREF = 1.5 V, VCM = 1.5 V, TA = 25°C, unless otherwise noted.
INSTRUMENTATION AMPLIFIER PERFORMANCE CURVES
Figure 3. Instrumentation Amplifier CMRR Distribution
Figure 4. Instrumentation Amplifier Gain Error Distribution
Figure 5. Instrumentation Amplifier
Input Common-Mode Range vs. Output Voltage
Figure 6. Instrumentation Amplifier Input Bias Current vs. CMV
Figure 7. Instrumentation Amplifier Gain vs. Frequency
Figure 8. Instrumentation Amplifier CMRR vs. Frequency, RTI
1200
1000
200
400
600
800
0
–120
–90
90
60
30
0
–60
–30
120
CMRR (µV/V)
1400
1200
1000
200
400
600
800
0
–2.0
–1.5
1.5
1.0
0.5
0
–1.0
–0.5
2.0
GAIN ERROR (%)
3.5
3.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
0
0.5
1.0
3.5
3.0
2.5
2.0
1.5
OUTPUT VOLTAGE (V)
50
–50
0
0.5
1.0
3.5
3.0
2.5
2.0
1.5
INPUT COMMON-MODE VOLTAGE (V)
–40
–30
–20
–10
0
10
20
30
40
50
40
30
20
10
0
–10
1
100k
10k
1k
100
10
FREQUENCY (Hz)
NO DC OFFSET
300mV OFFSET
120
100
40
60
80
20
10
100k
10k
1k
100
FREQUENCY (Hz)
NO DC OFFSET
+300mV OFFSET
–300mV OFFSET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com