| 전자부품 데이터시트 검색엔진 |
|
GL8T030 데이터시트(PDF) 7 Page - Sharp Corporation |
|
|
|||||||||||||||||||||||||||||
GL8T030 데이터시트(HTML) 7 Page - Sharp Corporation |
|
7 / 7 page ![]() (Notice) ¡In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device. (Internet) ¡Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/) Numeric LED Outline Dimensions(Unit:mm) 151 4.0 ˚ 0 1 12-ø0.45 2.5 1.5 29.0 7.0 7.0 7.0 2.54!7=17.78 1.0(Segment width) 0.3(Space) S GL3P421 1 Dig.1 3 Dig.2 4 Dig.3 7 Dig.4 D.P. G F E D C B A 6 9 10 15 2 11 16 14 1 Dig.1 3 Dig.2 4 Dig.3 7 Dig.4 D.P. G F E D C B A GL3t422 GL3t421 6 9 10 15 2 11 16 14 Internal connection diagram D.P. G D E F C B A P.16 P.1 P.7 P.9 Dig.4 Dig.3 Dig.2 Dig.1 Segment name & Pin No. 4.4 6-ø1.0 ˚ 0 1 4.0 4.0 4.0 6.2 1.0 30.0 4.0 1.3 13.5 2.0 1 10 11 20 0.3 (for all space) 0.85 (for all segment width) GL3t404 12 Dig.4 9 AIm 19 AM.PM 6 Dig.2 17 Dig.3 2 Dig.1 14 13 18 15 A B F 11 16 LC UC Alm 7 DP AMPM 1 20 8 4 C D 3 5 G E DP 10 12 Dig.4 9 AIm 19 AM.PM 6 Dig.2 17 Dig.3 2 Dig.1 14 13 18 15 A B F 11 16 LC UC Alm 7 DP AMPM 1 20 8 4 C D 3 5 G E DP 10 GL3t403 2.54!9=22.86 Internal connection diagram S GL3P404 B F D Dig.2 Dig.3 Dig.4 LC UC G A E C Dig.1 B C Alm AM PM DP Segment name 0.3 for all space 5-ø0.9 4.0 10˚ 7.0 7.0 Dig.5 13 7.0 0.5 1 7.0 Dig.4 Dig.3 Dig.2 Dig.1 G E F A C B D D.P. Dig.3 Dig.4 Dig.1 5 B 7 A 6 12 G E C 8 9 4 2 3 1 13 F 11 GL3t507D 10 D Dig.5 D.P. Dig.2 42.5 6.01 6.01 1.0 2.54!12=30.48 A 6 5 4 3 2 1 G GL3t508D D.P. Dig.5 Dig.4 Dig.3 Dig.2 Dig.1 F E D C B 13 12 11 10 9 8 7 0.8(Segment width) Internal connection diagram Segment name 19 21 20 GL3t422 Series GL3t421 Series GL3t404 Series GL3t403 Series GL3t508D Series GL3t507D Series |