전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PAA193 데이터시트(PDF) 3 Page - IXYS Corporation

부품명 PAA193
상세설명  Dual Pole OptoMOS Relays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IXYS [IXYS Corporation]
홈페이지  http://www.ixys.com
Logo IXYS - IXYS Corporation

PAA193 데이터시트(HTML) 3 Page - IXYS Corporation

  PAA193 Datasheet HTML 1Page - IXYS Corporation PAA193 Datasheet HTML 2Page - IXYS Corporation PAA193 Datasheet HTML 3Page - IXYS Corporation PAA193 Datasheet HTML 4Page - IXYS Corporation PAA193 Datasheet HTML 5Page - IXYS Corporation PAA193 Datasheet HTML 6Page - IXYS Corporation PAA193 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
PAA193
www.ixysic.com
3
R03
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*
35
30
25
20
15
10
5
0
1.25
1.26
1.27
1.28
1.29
LED Forward Voltage Drop (V)
1.30
Typical LED Forward Voltage Drop
(N=50, I
F=5mA)
0.64
0.72
0.80
0.92
0.68
0.76
0.88
Turn-On Time (ms)
25
20
15
10
5
0
Typical Turn-On Time
(N=50, I
F=5mA, IL=120mADC)
0.22
0.26
0.30
0.20
0.28
0.24
Turn-Off Time (ms)
35
30
25
20
15
10
5
0
Typical Turn-Off Time
(N=50, I
F=5mA, IL=120mADC)
0.65
1.17
1.69
0.39
0.91
1.43
1.95
LED Current (mA)
25
20
15
10
5
0
Typical I
F for Switch Operation
(N=50, I
L=120mADC)
25
20
15
10
5
0
0.65
1.17
1.69
0.39
0.91
1.43
1.95
LED Current (mA)
Typical I
F for Switch Dropout
(N=50, I
L=120mADC)
35
30
25
20
15
10
5
0
34.3
34.6
34.9
35.2
35.5
35.8
36.1
Typical On-Resistance Distribution
(N=50, I
L=120mADC)
On-Resistance ( )
35
30
25
20
15
10
5
0
777
787
797
807
782
792
802
Blocking Voltage (V
P)
Typical Blocking Voltage Distribution
(N=50)
Typical LED Forward Voltage Drop
vs. Temperature
Temperature (ºC)
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
I
F=50mA
I
F=5mA
I
F=10mA
Typical Turn-On Time
vs. LED Forward Current
(I
L=50mADC)
LED Forward Current (mA)
0
5
1015202530354045
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
50
Typical Turn-Off Time
vs. LED Forward Current
(I
L=50mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
50



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com