| 전자부품 데이터시트 검색엔진 |
|
ST25DV16K 데이터시트(PDF) 105 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST25DV16K 데이터시트(HTML) 105 Page - STMicroelectronics |
|
105 / 220 page ![]() DocID027603 Rev 4 105/220 ST25DV04K ST25DV16K ST25DV64K RF operations 219 7.4.6 Response format The response consists of: • an SOF, • flags, • parameters and data, • a CRC, • an EOF. 7.4.7 Response flags In a response, the flags indicate how actions have been performed by the ST25DVxxx and whether corresponding fields are present or not. The response flags consist of eight bits. Table 59. Request flags 5 to 8 when inventory_flag, Bit 3 = 1 Bit nb Flag Level Description Bit 5 AFI flag 0 AFI field is not present 1 AFI field is present Bit 6 Nb_slots flag 0 16 slots 11 slot Bit 7 Option flag 0 - Bit 8 RFU 0 - Table 60. General response format S O F Response_flags Parameters Data 2 byte CRC E O F Table 61. Definitions of response flags 1 to 8 Bit Nb Flag Level Description Bit 1 Error_flag 0 No error 1 Error detected. Error code is in the “Error” field. Bit 2 RFU 0 - Bit 3 RFU 0 - Bit 4 Extension flag 0 No extension Bit 5 RFU 0 - Bit 6 RFU 0 - Bit 7 RFU 0 - Bit 8 RFU 0 - |