| 전자부품 데이터시트 검색엔진 |
|
BZT52B47JS 데이터시트(PDF) 3 Page - Micro Commercial Components |
|
|
|||||||||||||||||||||||||||||
BZT52B47JS 데이터시트(HTML) 3 Page - Micro Commercial Components |
|
3 / 4 page ![]() Revision:F 2017/06/14 www.mccsemi.com 3 of 4 Micro Commercial Components M C C R 4 6 8 10 12 14 16 18 20 22 1 10 100 4 6 8 10 12 14 16 18 20 22 1 10 100 1000 4 6 8 10 12 14 16 18 20 22 0 5 10 15 20 0 25 50 75 100 125 150 0 50 100 150 200 250 4 6 8 10 12 14 16 18 20 22 1 10 100 1000 4 6 8 10 12 14 16 18 20 22 1E-4 1E-3 0.01 0.1 P D =200mW T a =25 ℃ Pulsed 0.5 Zener Characteristics(V Z 5.1V to 20 V) T a=25 ℃ f=1MHz BIAS AT 50% OF V Z NOM 1V BIAS 0V BIAS V Z, NOMINAL ZENER VOLTAGE (V) Typical Capacitance V Z, NOMINAL ZENER VOLTAGE (V) V Z @ IZT TYPICAL T a VALUES FOR BZT52BXXX JS SERIES Temperature Coefficients Power Derating Curve AMBIENT TEMPERATURE T a (℃) I Z=5mA V Z, NOMINAL ZENER VOLTAGE (V) Effect of Zener Voltage on Zener Impedance I Z=1mA T a=25 ℃ I Z(AC)=0.1IZ(DC) f=1kHz V Z, NOMINAL ZENER VOLTAGE (V) Pulsed V Z, ZENER VOLTAGE (V) Typical Leakage Current T a=25 ℃ T a=100 ℃ Typical Characteristics |