| 전자부품 데이터시트 검색엔진 |
|
LM75AD 데이터시트(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LM75AD 데이터시트(HTML) 13 Page - NXP Semiconductors |
|
13 / 18 page ![]() Philips Semiconductors Product data sheet LM75A Digital temperature sensor and thermal Watchdog ™ 2004 Oct 05 13 Protocols for writing and reading the registers SL01393 123456789 1234 56789123456789 1001 A2 A1 A0 1 W A 0000 000 S D4 D3 D2 D1 A 000 A P D0 DEVICE ADDRESS POINTER BYTE SCL SDA CONFIGURATION DATA BYTE START WRITE DEVICE ACKNOWLEDGE DEVICE ACKNOWLEDGE STOP DEVICE ACKNOWLEDGE Figure 6. Write configuration register (1-byte data). SL01398 123456789 1001 A2 A1 A0 R A DEVICE ADDRESS SCL (cont.) SDA (cont.) READ DEVICE ACKNOWLEDGE D4 D3 D2 D1 D0 D7 D6 D5 1234 56789 P MASTER NOT ACKNOWLEDGED STOP NA DATA BYTE FROM DEVICE 123456789 1234 56789 1001 A2 A1 A0 1 W A 0000 000 S A DEVICE ADDRESS POINTER BYTE SCL SDA START WRITE DEVICE ACKNOWLEDGE DEVICE ACKNOWLEDGE 0 RE-START RS (next) (next) Figure 7. Read configuration register including Pointer byte (1-byte data). SL01394 123456789 1234 56789 1001 A2 A1 A0 R A S D4 D3 D2 D1 NA P D0 DEVICE ADDRESS SCL SDA DATA BYTE FROM DEVICE START READ DEVICE ACKNOWLEDGE MASTER NOT ACKNOWLEDGED STOP D7 D6 D5 Figure 8. Read configuration register with preset Pointer (1-byte data). |