전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SWO 데이터시트(PDF) 1 Page - Mercury United Electronics Inc

부품명 SWO
상세설명  Oscillators Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MERCURY [Mercury United Electronics Inc]
홈페이지  http://www.mercuryunited.com
Logo MERCURY - Mercury United Electronics Inc

SWO 데이터시트(HTML) 1 Page - Mercury United Electronics Inc

  SWO Datasheet HTML 1Page - Mercury United Electronics Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Commercial ( -10°C to +70°C )
Frequency Stability
(1) Codes
± 100 ppm
Aging
± 3 ppm per year (max.)
If non-standard , please enter the
DE
F
Operating Temperature Range
desired stability after the " C " or " I "
" I20 " ± 20 ppm over -40°C to +85°C
AB
C
For example :
" C20 " ±20 ppm over -10°C to +70°C ;
Industrial ( -40°C to +85°C )
●
Fibre channel and ADSL clocks
SMD CMOS output
7.0 x 5.0 x 1.4 mm
Frequency Stability over
± 25 ppm
± 50 ppm
●
Laser engine pixel / set - top clocks
●
PLL / synthesizer clocks
Tri-state function available.
Applications
●
MPEG / DVD / HDTV clocks
●
NTSC / PAL encoder / decoder clocks
0.9 V ( min. )
Output Logic Low " 0 "
0.1 V ( max. )
●
CPU , Graphics , Multimedia A / V clocks
●
SONET / SDH / ATM clocks
1.0 V
CMOS output
Output Logic High " 1 "
General Specifications
1.0 V ± 5 %
Frequency Range
Output Wave Form
Oscillators Series
SWO series
Input Voltage ( VDD)
Start - Up Time (Ts)
10 m sec.( typical )
Storage Temperature
- 50°C to 100°C
6 mA max.
10 mA max.
Duty Cycle
50% ± 10% [ 50% ± 5% is also available ]
Output Load
15 pF typical [ 30 pF , 50 pF load available ]
Rise Time ( Tr )
6 n sec.(max.)
Fall Time ( Tf )
6 n sec.(max.)
Current Consumption
Mercury www .mercury-crystal.com
■Taiwan : (886)-2-2406-2779 / sales-tw@mercury-crystal.com ■U.S.A: (1)-909-466-0427 / sales-us@mercury-crystal.com ■China : (86)-512-5763-8100 / sales-cn@mecxtal.com
Features
312.0 KHz ~ 60.0 MHz
312.0 KHz ~ 30.0 MHz
30.0 ~ 60.0 MHz
●
OC-3 , OC-12 , OC-48 and OC-192 clocks
●
●
Ultra Small SMD seam sealed clock crystal oscillator units.
Mercury www .mercury-crystal.com
■Taiwan : (886)-2-2406-2779 / sales-tw@mercury-crystal.com ■U.S.A: (1)-909-466-0427 / sales-us@mercury-crystal.com ■China : (86)-512-5763-8100 / sales-cn@mecxtal.com
●
Fast Ethernet and Gigabit Ethernet clocks
Outline Dimensions
( Unit : mm )
Paramenters
Electrical Spec.


유사한 부품 번호 - SWO

제조업체부품명데이터시트상세설명
logo
Eravant
SWO-05-F1 ERAVANT-SWO-05-F1 Datasheet
576Kb / 2P
WR-05 Waveguide Open, Fixed
Rev. 1.0
SWO-06-F1 ERAVANT-SWO-06-F1 Datasheet
271Kb / 2P
WR-06 Waveguide Open, Fixed
Rev. 1.1
SWO-08-F1 ERAVANT-SWO-08-F1 Datasheet
578Kb / 2P
WR-08 Waveguide Open, Fixed
Rev. 1.0
SWO-10-F1 ERAVANT-SWO-10-F1 Datasheet
578Kb / 2P
WR-10 Waveguide Open, Fixed
Rev. 1.0
SWO-12-F1 ERAVANT-SWO-12-F1 Datasheet
579Kb / 2P
WR-12 Waveguide Open, Fixed
Rev. 1.0
More results

유사한 설명 - SWO

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
CSX-750FJ ETC1-CSX-750FJ Datasheet
60Kb / 1P
CSX532T Series SMD TCXO Oscillators
logo
Maxim Integrated Produc...
DS4125 MAXIM-DS4125 Datasheet
130Kb / 6P
DS4-XO Series Crystal Oscillators
Rev 0; 7/07
logo
Integrated Device Techn...
3CN IDT-3CN Datasheet
239Kb / 2P
CrystalFree Oscillators Ultra Low Power Oscillators
logo
EUROQUARTZ limited
GDQF EUROQUARTZ-GDQF Datasheet
545Kb / 4P
Oscillators
HDF576 EUROQUARTZ-HDF576 Datasheet
138Kb / 1P
OSCILLATORS
HDQF EUROQUARTZ-HDQF Datasheet
492Kb / 4P
Oscillators
HDW62 EUROQUARTZ-HDW62 Datasheet
119Kb / 1P
OSCILLATORS
logo
Oscilent Corporation
CO-491 OSCILENT-CO-491 Datasheet
141Kb / 2P
491 Series SMD Crystal Oscillators
logo
Epson Company
SG-8002CA-SHC EPSON-SG-8002CA-SHC Datasheet
175Kb / 1P
Programmable Series Oscillators
logo
Mercury United Electron...
H21 MERCURY-H21 Datasheet
83Kb / 1P
Oscillators Series
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com