전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DB207 데이터시트(PDF) 1 Page - Micro Commercial Components

부품명 DB207
상세설명  2.0 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MCC [Micro Commercial Components]
홈페이지  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DB207 데이터시트(HTML) 1 Page - Micro Commercial Components

  DB207 Datasheet HTML 1Page - Micro Commercial Components DB207 Datasheet HTML 2Page - Micro Commercial Components DB207 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DB201
THRU
DB207
2.0 Amp Single Phase
Bridge Rectifier
50 to 1000 Volts
Features
4- PIN DIP Package and Low Profile Package
High Surge Current Capability
UL Recognized File # E165989
Operating Temperature: -55 C to +150 C
Storage Temperature: -55 Cto +150 C
MCC
Part
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
DB201
DB201
50V
35V
50V
DB202
DB202
100V
70V
100V
DB203
DB203
200V
140V
200V
DB204
DB204
400V
280V
400V
DB205
DB205
600V
420V
600V
DB206
DB206
800V
560V
800V
1000V
700V
1000V
Electrical Characteristics @ 25 C Unless Otherwise Specified
Average Forward
Current
IF(AV)
2.0 A
TA = 40 C
Peak Forward Surge
Current
IFSM
60A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.1V
IFM = 2.0A;
TA = 25 C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10 A
0.5mA
TJ = 25 C
TJ = 125 C
Typical Junction
Capacitance
CJ
25pF
Measured at
1.0MHz, VR=4.0V
DB-1
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
www.mccsemi.com
TM
Micro Commercial Components
DIMENSIONS
DIM
MIN
MAX
MIN
MAX
NOTE
A
.316
.335
8.05
8.51
B
.245
.255
6.20
6.50
C
.300
.350
7.60
8.90
D
.236
.299
6.01
7.60
E
.10
2
.130
2.
60
3.30
A
BC
D
E
G
H
+
-
~
~
Notch
F
H
G
INCHES
MM
.060
1.50
Typ
.195
.016
.022
.041
.056
Typ
.205
5.00
5.20
F
1 of 3
DB20
7
DB20
7
Revision:
C
20
14/07/18
• Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Thermal Resistance : RthJA: 40C/W;RthJL:15C/W; RthJC:12C/W.
Maximum Ratings
•
Halogen free available upon request by adding suffix "-HF"


유사한 부품 번호 - DB207

제조업체부품명데이터시트상세설명
logo
Shenzhen Luguang Electr...
DB207 LUGUANG-DB207 Datasheet
152Kb / 2P
Silicon Bridge Rectifiers
logo
Leshan Radio Company
DB207 LRC-DB207 Datasheet
200Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Formosa MS
DB207 FORMOSA-DB207 Datasheet
1Mb / 6P
Bridge Rectifier
logo
Guangdong Juxing Electr...
DB207 JUXING-DB207 Datasheet
795Kb / 2P
BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
DB207 GWSEMI-DB207 Datasheet
63Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
More results

유사한 설명 - DB207

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
MB5005 MCC-MB5005 Datasheet
78Kb / 2P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005 MCC-MP5005 Datasheet
77Kb / 2P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005W MCC-MP5005W Datasheet
74Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005 MCC-MP5005_10 Datasheet
199Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005W MCC-MP5005W_08 Datasheet
110Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
DB201 MCC-DB201 Datasheet
247Kb / 3P
2.0 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
DB201L MCC-DB201L Datasheet
456Kb / 3P
2.0 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
MB5005 MCC-MB5005_16 Datasheet
223Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB5005W MCC-MB5005W_13 Datasheet
152Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005 MCC-MP5005_16 Datasheet
417Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com