전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTL30ECBFNJ-112A 데이터시트(PDF) 6 Page - Lite-On Technology Corporation

부품명 LTL30ECBFNJ-112A
상세설명  Through Hole Lamp
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITEON [Lite-On Technology Corporation]
홈페이지  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL30ECBFNJ-112A 데이터시트(HTML) 6 Page - Lite-On Technology Corporation

Back Button LTL30ECBFNJ-112A Datasheet HTML 2Page - Lite-On Technology Corporation LTL30ECBFNJ-112A Datasheet HTML 3Page - Lite-On Technology Corporation LTL30ECBFNJ-112A Datasheet HTML 4Page - Lite-On Technology Corporation LTL30ECBFNJ-112A Datasheet HTML 5Page - Lite-On Technology Corporation LTL30ECBFNJ-112A Datasheet HTML 6Page - Lite-On Technology Corporation LTL30ECBFNJ-112A Datasheet HTML 7Page - Lite-On Technology Corporation LTL30ECBFNJ-112A Datasheet HTML 8Page - Lite-On Technology Corporation LTL30ECBFNJ-112A Datasheet HTML 9Page - Lite-On Technology Corporation LTL30ECBFNJ-112A Datasheet HTML 10Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
5/10
Part No. : LTL30ECBFNJ-112A
BNS-OD-FC002/A4
Through Hole Lamp
LTL30ECBFNJ-112A
6. Taping Features
* Compatible with radial lead automatic insertion equipment.
* Most radial lead plastic lead lamps available packaged in tape and folding.
* 3 leads with 2.54mm (0.1") straight lead spacing available.
* Folding packaging simplifies handling and testing.
* Reel packaging is available by removing suffix “A” on option.
Package Dimensions
Specification
Item
Symbol
Minimum
Maximum
mm
inch
mm
inch
Tape Feed Hole Diameter
D
3.8
0.149
4.2
0.165
Component Lead Pitch
F
4.8
0.188
5.8
0.228
Front to Rear Deflection
△H
--
--
2.0
0.078
Feed Hole to Bottom of Component
H1
21.5
0.846
22.5
0.886
Feed Hole to Overall Component Height
H2
29.8
1.173
31.4
1.236
Lead Length after Component Height
L
W0
11.0
0.433
Feed Hole Pitch
P
12.4
0.488
13.0
0.511
Lead Location
P1
3.15
0.124
4.55
0.179
Center of
Component Location
P2
5.05
0.198
7.65
0.301
Total Taped Thickness
T
--
--
0.90
0.035
Feed Hole Location
W0
8.5
0.334
9.75
0.384
Adhesive Tape Position
W2
0
0
3.0
0.118
Tape Width
W3
17.5
0.689
19.0
0.748



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com