전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Basedon 데이터시트(PDF) 3 Page - Micro Commercial Components

부품명 Basedon
상세설명  1.5 Watt Zener Diode 10 to 200 Volts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MCC [Micro Commercial Components]
홈페이지  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

Basedon 데이터시트(HTML) 3 Page - Micro Commercial Components

  Basedon Datasheet HTML 1Page - Micro Commercial Components Basedon Datasheet HTML 2Page - Micro Commercial Components Basedon Datasheet HTML 3Page - Micro Commercial Components Basedon Datasheet HTML 4Page - Micro Commercial Components Basedon Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SMAJ5925B
HE3 THRU SMAJ5956BHE3
3 of 5
Vz
Reverse zener voltage @ IZT
IZT
Reverse current
ZZT
Maximum zener impedance @ IZT
IZK
Reverse current
ZZK
Maximum zener impedance @ IZK
IR
Reverse leakage current @ VR
VR
Breakdown voltage
IF
Forward current
VF
Forward voltage @ IF
Figure 1. Zener voltage regulator
Figure 2. Steady state power derating
Figure 3. Vz – 10 volts
Figure 4. Zener voltage – 10 to 12 volts
Figure 5. Zener voltage – 14 to 43 volts
LEAD TEMPERATURE ( C)
o
3.0
2.5
2.0
1.5
1.0
0.5
0
www.mccsemi.com
Characteristics (Tj=25
unless otherwise specified)
Symbol
Parameter
Revision: A
2015/06/12
0
25
50
75
100
125
150
Micro Commercial Components
M C C
TM



Html Pages

1 2 3 4 5