전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

F15635 데이터시트(PDF) 37 Page - Ledil, Inc.

부품명 F15635
상세설명  Ronda Assembly
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEDIL [Ledil, Inc.]
홈페이지  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F15635 데이터시트(HTML) 37 Page - Ledil, Inc.

Back Button F15635 Datasheet HTML 29Page - Ledil, Inc. F15635 Datasheet HTML 30Page - Ledil, Inc. F15635 Datasheet HTML 31Page - Ledil, Inc. F15635 Datasheet HTML 32Page - Ledil, Inc. F15635 Datasheet HTML 33Page - Ledil, Inc. F15635 Datasheet HTML 34Page - Ledil, Inc. F15635 Datasheet HTML 35Page - Ledil, Inc. F15635 Datasheet HTML 36Page - Ledil, Inc. F15635 Datasheet HTML 37Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 37 / 37 page
background image
NOTE: The typical divergence will be changed by different color, chip size and chip position
tolerance. The typical total divergence is the full angle measured where the luminous intensity
is half of the peak value.
GENERAL INFORMATION
- Product series especially designed & optimized for series of LEDs.
- Special care taken to make light distribution as uniform as possible.
Note! Due to use of high power COB's with this product, special attention to proper thermal design is highly
recommended. LEDiL has no liability for direct, indirect or consecutive damages arising from the LEDiL
products being used outside of the recommended temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37