전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSD1850 데이터시트(PDF) 50 Page - List of Unclassifed Manufacturers

부품명 SSD1850
상세설명  CMOS LCD Segment / Common Driver with Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

SSD1850 데이터시트(HTML) 50 Page - List of Unclassifed Manufacturers

Back Button SSD1850 Datasheet HTML 46Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 47Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 48Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 49Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 50Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 51Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 52Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 53Page - List of Unclassifed Manufacturers SSD1850 Datasheet HTML 54Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 56 page
background image
SSD1850/51 Series
Rev 1.2
01/2003
SOLOMON
46
OTP Example program
Find the OTP offset:
1. Hardware reset by sending an active low reset pulse to RES pin
2. COMMAND(0XAB)
\\Enable oscillator
COMMAND(0X2F)
\\ turn on the internal voltage booster, internal regulator and output
op-amp buffer; Select booster level
3. COMMAND(0X48)
\\ Set Duty ratio
COMMAND(0X40)
\\ 64Mux
COMMAND(0X55)
\\ Set Biasing ratio (1/9 BIAS)
4. COMMAND(0X81)
\\ Set target gain and contrast.
COMMAND(0X2D)
\\ contrast = 45
COMMAND(0X24)
\\ gain = 5.1
5. \\ Set target display contents
COMMAND(0XB0)
\\ set page address
COMMAND(0x00)
\\ set lower nibble column address
COMMAND(0X10)
\\ set higher nibble column address
DATA(…)
\\ write target content to GDDRAM
COMMAND(0XAF)
\\ Set Display On
6. OTP offset calculation… target OTP offset value is +3
OTP programming:
7. Hardware reset by sending an active low reset pulse to RES pin
8. COMMAND(0XAB)
\\ Enable Oscillator
9. Connect an external VCC (16V-18V)
10. COMMAND(0X82)
\\ Set OTP offset value to +3 (0011)
COMMAND(0XF3)
\\ 0001 X3X2X1X0 , where X3X2X1X0 is the OTP offset value
11. COMMAND(0X83)
\\ Send the OTP programming command
12. Wait at least 2 seconds for programming wait time
13. Hardware reset by sending an active low reset pulse to RES pin
Verify the result:
14. After OTP programming, procedure 2 to 5 are repeated for inspection of the contrast on the
panel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56