| 전자부품 데이터시트 검색엔진 |
|
AD830JRZ-R7 데이터시트(PDF) 4 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD830JRZ-R7 데이터시트(HTML) 4 Page - Analog Devices |
|
4 / 20 page ![]() AD830 Data Sheet Rev. D | Page 4 of 20 AD830J/AD830A AD830S1 Parameter Conditions Min Typ Max Min Typ Max Unit POWER SUPPLIES Operating Range ±4 ±16.5 ± 4 ±16.5 V Quiescent Current TMIN – TMAX 14.5 17 14.5 17 mA +PSRR (to VP) DC, G = +1 86 86 dB −PSRR (to VN) DC, G = +1 68 68 dB PSRR DC, G = +1, ±5 to ±15 VS 66 71 66 71 dB PSRR DC, G = +1, ±5 to ±15 VS TMIN − TMAX 62 68 60 68 dB 1 See the Standard Military Drawing 5962-9313001MPA for specifications. 2 Clipping level function on X channel only. |