전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST16C554D 데이터시트(PDF) 39 Page - Exar Corporation

부품명 ST16C554D
상세설명  QUAD UART WITH 16-BYTE FIFOS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EXAR [Exar Corporation]
홈페이지  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C554D 데이터시트(HTML) 39 Page - Exar Corporation

Back Button ST16C554D Datasheet HTML 32Page - Exar Corporation ST16C554D Datasheet HTML 33Page - Exar Corporation ST16C554D Datasheet HTML 34Page - Exar Corporation ST16C554D Datasheet HTML 35Page - Exar Corporation ST16C554D Datasheet HTML 36Page - Exar Corporation ST16C554D Datasheet HTML 37Page - Exar Corporation ST16C554D Datasheet HTML 38Page - Exar Corporation ST16C554D Datasheet HTML 39Page - Exar Corporation ST16C554D Datasheet HTML 40Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
Package Dimensions
68 LEAD PLASTIC LEADED CHIP CARRIER
(PLCC)
Rev. 1.00
1
D
D 1
D
D1
D3
D2
A
A1
2
68
A
0.165
0.200
4.19
5.08
A1
0.090
0.130
2.29
3.30
A2
0.020
–––.
0.51
–––
B
0.013
0.021
0.33
0.53
B1
0.026
0.032
0.66
0.81
C
0.008
0.013
0.19
0.32
D
0.985
0.995
25.02
25.27
D1
0.950
0.958
24.13
24.33
D2
0.890
0.930
22.61
23.62
D3
0.800 typ.
20.32 typ.
e
0.050 BSC
1.27 BSC
H1
0.042
0.056
1.07
1.42
H2
0.042
0.048
1.07
1.22
R
0.025
0.045
0.64
1.14
SYMBOL
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
B
A2
B1
e
Seating Plane
D3
Note: The control dimension is the inch column
45
° x H2
45
° x H1
C
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40