| 전자부품 데이터시트 검색엔진 |
|
ST16C554 데이터시트(PDF) 39 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
ST16C554 데이터시트(HTML) 39 Page - Exar Corporation |
|
39 / 40 page ![]() Package Dimensions 68 LEAD PLASTIC LEADED CHIP CARRIER (PLCC) Rev. 1.00 1 D D 1 D D1 D3 D2 A A1 2 68 A 0.165 0.200 4.19 5.08 A1 0.090 0.130 2.29 3.30 A2 0.020 –––. 0.51 ––– B 0.013 0.021 0.33 0.53 B1 0.026 0.032 0.66 0.81 C 0.008 0.013 0.19 0.32 D 0.985 0.995 25.02 25.27 D1 0.950 0.958 24.13 24.33 D2 0.890 0.930 22.61 23.62 D3 0.800 typ. 20.32 typ. e 0.050 BSC 1.27 BSC H1 0.042 0.056 1.07 1.42 H2 0.042 0.048 1.07 1.22 R 0.025 0.045 0.64 1.14 SYMBOL MIN MAX MIN MAX INCHES MILLIMETERS B A2 B1 e Seating Plane D3 Note: The control dimension is the inch column 45 ° x H2 45 ° x H1 C R |