| 전자부품 데이터시트 검색엔진 |
|
IW656P 데이터시트(PDF) 2 Page - Dialog Semiconductor |
|
|
|||||||||||||||||||||||||||||
IW656P 데이터시트(HTML) 2 Page - Dialog Semiconductor |
|
2 / 8 page ![]() iW656P USB Power Delivery 3.0 Controller Supports Qualcomm Quick Charge 4+ Rev. 0.2 Preliminary Product Summary © 2017 Dialog Semiconductor www.dialog-semiconductor.com 2 of 8 08-Dec-2017 Figure 3.1 : iW656P Typical Application Circuit (with iW1791 as the Primary-Side Controller and the iW676 as the Synchronous Rectifier Controller) L N U1 iW1791 1 2 3 8 7 6 4 5 V SENSE GND CFG DLNK SOURCE I SENSE GATE V CC + VIN VCC 1 2 3 6 5 4 + GND U3 iW676 DRAIN SOURCE OUT + + CC2 CC1 D+ D- VBUS GND + - USB Type-C Socket U2 iW656P 1 2 12 11 3 10 DIS DRV V CC GND D- D+ 4 5 6 9 8 7 SD V BUS V BUS_G CC2 DET CC1 Figure 3.2 : iW656P Typical Application Circuit (with iW1781 as the Primary-Side Controller and the iW676 as the Synchronous Rectifier Controller) U1 iW1781 V SENSE SD V CC GND 1 2 3 8 7 6 4 5 NTC L N OUTPUT CS/CDC DLNK ASU RCDC V IN V CC 1 2 3 6 5 4 + GND U3 iW676 DRAIN SOURCE OUT + BR1 AC Input + CC2 CC1 VBUS GND + - USB Type-C Socket D+ D- U2 iW656P 1 2 12 11 3 10 DIS DRV V CC GND D- D+ 4 5 6 9 8 7 SD V BUS V BUS_G CC2 DET CC1 |