전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IW3626 데이터시트(PDF) 4 Page - Dialog Semiconductor

부품명 IW3626
상세설명  Off-Line Digital Power Controller for LED Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIALOG [Dialog Semiconductor]
홈페이지  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW3626 데이터시트(HTML) 4 Page - Dialog Semiconductor

  IW3626 Datasheet HTML 1Page - Dialog Semiconductor IW3626 Datasheet HTML 2Page - Dialog Semiconductor IW3626 Datasheet HTML 3Page - Dialog Semiconductor IW3626 Datasheet HTML 4Page - Dialog Semiconductor IW3626 Datasheet HTML 5Page - Dialog Semiconductor IW3626 Datasheet HTML 6Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
iW3626
Off-Line Digital Power Controller for LED Driver
with High-Power Factor and Low-Ripple Current
Rev. 1.4
Product Summary
© 2016 Dialog Semiconductor
www.dialog-semiconductor.com
4 of 6
28-June-2016
5 Pinout Description
Pin No.
Pin Name
Type
Pin Description
1
VCC
Power Input
Power supply for control logic and BJT drive.
2
FB/OTP
Analog Input
Multi-function pin. Used for OTP current derating configuration at the
beginning of start-up and to provide auxiliary voltage sense for primary
regulation during normal operation.
3
ASU
Output
Control signal for active start-up device (BJT or depletion mode NFET).
4
CS/PF
Analog Input
Multi-function pin. Used for PF configuration at the beginning of start-up and
to provide primary current sense for cycle-by-cycle peak current control and
limit during normal operation.
5
GND
Ground
Ground.
6
OUTPUT
Output
Base drive for BJT.
Figure 5.1 : 6-Pin SOT23 Package
iW3626
VCC
FB/OTP
ASU
OUTPUT
GND
CS/PF
1
2
3
6
4
5
4 Absolute Maximum Ratings
Absolute maximum ratings are the parameter values or ranges which can cause permanent damage if exceeded.
Parameter
Symbol
Value
Units
DC supply voltage range (pin 1, ICC = 20mA max)
VCC
-0.3 to 18.0
V
Continuous DC supply current at VCC pin (VCC = 15V)
ICC
20
mA
ASU output (pin 3)
-0.3 to 18.0
V
OUTPUT (pin 6)
-0.3 to 4.0
V
FB/OTP input (pin 2, IFB/OTP ≤ 10mA)
-0.7 to 4.0
V
CS/PF input (pin 4)
-0.3 to 4.0
V
Maximum junction temperature
TJMAX
150
°C
Operating junction temperature
TJOPT
-40 to 150
°C
Storage temperature
TSTG
-65 to 150
°C
Thermal resistance junction-to-ambient
θJA
190
°C/W
ESD rating per JEDEC JESD22-A114
±2,000
V
Latch-up test per JESD78A
±100
mA



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com