전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTL-14CDJNHBP 데이터시트(PDF) 2 Page - Lite-On Technology Corporation

부품명 LTL-14CDJNHBP
상세설명  Through Hole Lamp
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITEON [Lite-On Technology Corporation]
홈페이지  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL-14CDJNHBP 데이터시트(HTML) 2 Page - Lite-On Technology Corporation

  LTL-14CDJNHBP Datasheet HTML 1Page - Lite-On Technology Corporation LTL-14CDJNHBP Datasheet HTML 2Page - Lite-On Technology Corporation LTL-14CDJNHBP Datasheet HTML 3Page - Lite-On Technology Corporation LTL-14CDJNHBP Datasheet HTML 4Page - Lite-On Technology Corporation LTL-14CDJNHBP Datasheet HTML 5Page - Lite-On Technology Corporation LTL-14CDJNHBP Datasheet HTML 6Page - Lite-On Technology Corporation LTL-14CDJNHBP Datasheet HTML 7Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LITE-ON TECHNOLOGY CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Features
* Designed for ease in circuit board assembly.
* Solid state light source.
* Pre-trimmed leads for PC Board mounting.
* Reliable and rugged.
* Black case enhance contrast ratio.
* Holder material: PC.
Package Dimensions
Lamp Part No.
Lens
Source Color
LTL-14CDJN
White Diffused
Yellow / Green
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm(.010") unless otherwise noted.
3. Lead spacing is measured where the leads emerge from the package.
4. Specifications are subject to change without notice.
Part No. : LTL-14CDJNHBP
Page :
1
of
6
BNS-OD-C131/A4



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com