전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAS516 데이터시트(PDF) 1 Page - Micro Commercial Components

부품명 BAS516
상세설명  Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MCC [Micro Commercial Components]
홈페이지  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAS516 데이터시트(HTML) 1 Page - Micro Commercial Components

  BAS516_17 Datasheet HTML 1Page - Micro Commercial Components BAS516_17 Datasheet HTML 2Page - Micro Commercial Components BAS516_17 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAS516
Switching Diode
SOD-523
Features
Ultra-Small Surface Mount Package
High Switching Speed
For General Purpose Switching Applications
Electrical Characteristics @ 25 C Unless Otherwise Specified
DC Reverse Voltage
VR
100V
Forward Current
IF
250mA
Repetitive Forward
Current
IFRM
500mA
Maximum
Instantaneous
Forward Voltage
VF
715mV
855mV
1000mV
1250mV
IF = 1mA
IF = 10mA;
IF = 50mA
IF = 150mA
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
Typical Diode
Capacitance
CD
1pF
Measured at
1.0MHz, VR=0V
Reverse Recovery
Time
Trr
4nS
IF=IR=10mAdc,
VR = 0V
RL=100
Revision:
E
20
17/09/27
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
A
B
E
C
H
G
D
F
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.059
.067
1.50
1.70
B
.043
.051
1.10
1.30
C
.030
.033
0.75
0.85
D
.001
.003
0.01
0.07
E
.010
.014
0.25
0.35
F
.003
.00
6
0.08
0.15
G
.020
.028
0.50
0.70
H
.020
.031
0.51
0.7
7
0.6mm
1.1mm
Suggested Solder Pad Layout
0.8mm
www.mccsemi.com
1 of 3
1 A
VR=75Volts
0.03 A
VR=25Volts
Junction temperature
Tj
150
Operating Temperature: -55 C to +150 C
Storage Temperature: -55 C to +150 C
•
Halogen free available upon request by adding suffix "-HF"
•
Lead Free Finish/Rohs Compliant ("P"Suffix designates
RoHS Compliant. See ordering information)
Maximum Ratings
•
Marking : 61
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
Micro Commercial Components
M C C
R


유사한 부품 번호 - BAS516_17

제조업체부품명데이터시트상세설명
logo
Galaxy Semi-Conductor H...
BAS516 BILIN-BAS516_17 Datasheet
125Kb / 4P
High Speed Switching Diode
More results

유사한 설명 - BAS516_17

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
BAS16HT1 ONSEMI-BAS16HT1_05 Datasheet
45Kb / 4P
Switching Diode
March, 2005 ??Rev. 4
logo
Microsemi Corporation
1N4531 MICROSEMI-1N4531 Datasheet
96Kb / 1P
SWITCHING DIODE
1N5196 MICROSEMI-1N5196 Datasheet
82Kb / 1P
SWITCHING DIODE
logo
TRANSYS Electronics Lim...
BAL99LT1 TEL-BAL99LT1 Datasheet
60Kb / 1P
SWITCHING DIODE
logo
ON Semiconductor
MMSD4148T1 ONSEMI-MMSD4148T1_07 Datasheet
75Kb / 4P
Switching Diode
September, 2007 - Rev. 9
logo
TAITRON Components Inco...
1N914 TAITRON-1N914 Datasheet
174Kb / 4P
Switching Diode
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com