| 전자부품 데이터시트 검색엔진 |
|
TDA7519TR 데이터시트(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7519TR 데이터시트(HTML) 1 Page - STMicroelectronics |
|
1 / 7 page ![]() November 2006 Rev 3 1/7 7 TDA7519 Multichip module for car radio applications Features ● High-performance signal processor for car radio applications ● Adjustment-free stereo decoder ● FM noise blanker ● Programmable multipath detector ● 2 Stereo and 2 mono inputs with mixing capability ● Bass, treble and loudness controls ● 4 Independent speaker outputs ● High-performance fully digital RDS demodulator ● On-chip adjustment-free 57kHz 8th order bandpass filter ● ARI (SK indication) and RDS signal quality output ● Full I2C-bus control Description The TDA7519 multichip module combines in a single compact (10x10mm) 44-pin package, the signal processing functionalities of a state-of-the- art car radio, with a minimized number of required external components. Two devices are included: TDA7460N, and TDA7479. (please refer to the relevant datasheet for specifications) TDA7460N is a digitally controlled stereo decoder and audioprocessor, featuring FM noise blanking and multipath detector; bass, treble, loudness controls with 2 stereo and 2 mono mixable inputs and four independent speaker outputs. TDA7479 is a fully digital RDS data decoder with an on-chip adjustment-free bandpass filter. Both chips are I2C bus controlled. LQFP44 Order codes Part numbers Package Packing TDA7519 LQFP44 (10x 10x 1.4mm) Tray TDA7519TR LQFP44 (10x 10x 1.4mm) Tape and reel www.st.com |
유사한 부품 번호 - TDA7519TR |
|
유사한 설명 - TDA7519TR |