| 전자부품 데이터시트 검색엔진 |
|
TLE4287G 데이터시트(PDF) 5 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4287G 데이터시트(HTML) 5 Page - Infineon Technologies AG |
|
5 / 13 page ![]() TLE 4287 G Data Sheet Version 1.3 5 2001-09-12 Absolute Maximum Ratings Parameter Symbol Limit Values Unit Remarks min. max. Input I Voltage V I – 0.5 42 V – Current I I –– mA internally limited Output Q Voltage V Q – 0.3 7 V – Current I Q ––– internally limited Reset Output RO Voltage V R – 0.3 7 V – Current I R ––– internally limited Reset Delay D Voltage V D – 0.3 42 V – Current I D ––– – Enable EN Voltage V EN – 42 42 V – Current I EN – 55 mA t ≤ 400 ms Hold H Voltage V H – 27 V – Current I H ––– internally limited |