전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OVTL01LGACS 데이터시트(PDF) 5 Page - TT Electronics.

부품명 OVTL01LGACS
상세설명  Lednium Series Optimal I
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TTELEC [TT Electronics.]
홈페이지  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVTL01LGACS 데이터시트(HTML) 5 Page - TT Electronics.

  OVTL01LGACS Datasheet HTML 1Page - TT Electronics. OVTL01LGACS Datasheet HTML 2Page - TT Electronics. OVTL01LGACS Datasheet HTML 3Page - TT Electronics. OVTL01LGACS Datasheet HTML 4Page - TT Electronics. OVTL01LGACS Datasheet HTML 5Page - TT Electronics. OVTL01LGACS Datasheet HTML 6Page - TT Electronics. OVTL01LGACS Datasheet HTML 7Page - TT Electronics. OVTL01LGACS Datasheet HTML 8Page - TT Electronics. OVTL01LGACS Datasheet HTML 9Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Issue B.8 3/09
Page 5 of 10
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Lednium Series Optimal I
OVTL01LGA Series
OVTL01LGAR and OVTL01LGARS (RED)
(IF = 350 mA)
Dominant Wavelength 620-630nm
Forward Voltage (VF)
35
40
V1
V2
R1
R2
2.3
2.6
Standard Bins
Lamps are sorted to luminous flux (Φ) and forward voltage (VF) bins shown. Orders may be filled with any or all bins
contained as below.
OVTL01LGAW and OVTL01LGAWS (COOL WHITE)
(IF = 350 mA)
Typical CCT 7000°K (±600°K)
V3
V4
C3V3
C3V4
C2V3
C2V4
C1V3
C1V4
C2
C3
Forward Voltage (VF)
2.9
3.4
3.7
OVTL01LGAWD and OVTL01LGAWDS (DAYLIGHT WHITE)
(IF = 350 mA)
Typical CCT 5800°K (±600°K)
V3
V4
D1
D2
45
1.9
60
70
80
Forward Voltage (VF)
3.4
3.7
2.9
R2V1
R1V1
R1V2
R2V2
R3V1
R3V2
D3V3
D3V4
D2V3
D2V4
D1V3
D1V4
50
R3
50
60
70
C1
50
80
D3



Html Pages

1 2 3 4 5 6 7 8 9 10