전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DXT 데이터시트(PDF) 4 Page - Radiometrix Ltd

부품명 DXT
상세설명  DX series remote control boards
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RADIOMETRIX [Radiometrix Ltd]
홈페이지  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

DXT 데이터시트(HTML) 4 Page - Radiometrix Ltd

  DXT Datasheet HTML 1Page - Radiometrix Ltd DXT Datasheet HTML 2Page - Radiometrix Ltd DXT Datasheet HTML 3Page - Radiometrix Ltd DXT Datasheet HTML 4Page - Radiometrix Ltd DXT Datasheet HTML 5Page - Radiometrix Ltd DXT Datasheet HTML 6Page - Radiometrix Ltd DXT Datasheet HTML 7Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Radiometrix Ltd
DX series control boards
page 4
Ordering Information
Part No.
Version
Frequency band
DXR-173.250-RX1
RX1 fitted decoder
173.250MHz
DXT-173.250-TX1
TX1 fitted encoder
173.250MHz
DXR-434.650-NRX2B
NRX2B fitted decoder
434.650MHz
DXT-434.650-NTX2B
NTX2B fitted encoder
434.650MHz
DXR-433-RX2A
RX2A fitted decoder
433.92MHz
DXT-433-TX2A
TX2A fitted encoder
433.92MHz
DXR-869-RX3A
RX3A fitted decoder
869.85MHz
DXT-869-TX3B
TX3B fitted encoder
869.85MHz
DX series encoder and decoder boards can be supplied with any SIL pinout transmitters (TX1, NTX2,
TX2A, TX3A, TX3B etc.) and receivers (NRX1, NRX2, RX2A, RX2G, RX3A, RX3G, WRX2, RX2B)



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com